Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 25 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 25 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 21Page - Integrated Device Technology 90E21 Datasheet HTML 22Page - Integrated Device Technology 90E21 Datasheet HTML 23Page - Integrated Device Technology 90E21 Datasheet HTML 24Page - Integrated Device Technology 90E21 Datasheet HTML 25Page - Integrated Device Technology 90E21 Datasheet HTML 26Page - Integrated Device Technology 90E21 Datasheet HTML 27Page - Integrated Device Technology 90E21 Datasheet HTML 28Page - Integrated Device Technology 90E21 Datasheet HTML 29Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Register
25
January 10, 2012
5.3
METERING/ MEASUREMENT CALIBRATION AND CONFIGURATION
5.3.1
METERING CALIBRATION AND CONFIGURATION REGISTER
CalStart
Calibration Start Command
PLconstH
High Word of PL_Constant
Address: 20H
Type: Read/Write
Default Value: 6886H
Bit
Name
Description
15 - 0
CalStart[15:0]
Metering calibration start command:
6886H: Power-on value. Metering function is disabled.
5678H: Metering calibration startup command. After 5678H is written to this register, registers 21H-2BH resume to their power-
on values. The 90E21/22/23/24 starts to meter and output energy pulses regardless of the correctness of diagnosis. The
CalErr[1:0] bits (SysStatus, 01H) are not set and the WarnOut/IRQ pins do not report any warning/interrupt.
8765H: Check the correctness of the 21H-2BH registers. If correct, normal metering. If not correct, metering function is disabled,
the CalErr[1:0] bits (SysStatus, 01H) are set and the WarnOut/IRQ pins report warning/interrupt.
Others: Metering function is disabled. The CalErr[1:0] bits (SysStatus, 01H) are set and the WarnOut/IRQ pins report warning/
interrupt.
Address: 21H
Type: Read/Write
Default Value: 0015H
Bit
Name
Description
15 - 0
PLconstH[15:0]
The PLconstH[15:0] and PLconstL[15:0] bits are high word and low word of PL_Constant respectively.
PL_Constant is a constant which is proportional to the sampling ratios of voltage and current, and inversely proportional to the
Meter Constant. PL_Constant is a threshold for energy calculated inside the chip, i.e., energy larger than PL_Constant will be
accumulated in the corresponding energy registers and then output on CFx.
It is suggested to set PL_constant as a multiple of 4 so as to double or redouble Meter Constant in low current state to save ver-
ification time.
Note: PLconstH takes effect after PLconstL are configured.
For details, please refer to IDT application note AN-641.
15
14
13
12
11
10
9
8
CalStart15
CalStart14
CalStart13
CalStart12
CalStart11
CalStart10
CalStart9
CalStart8
765
432
1
0
CalStart7
CalStart6
CalStart5
CalStart4
CalStart3
CalStart2
CalStart1
CalStart0
15
14
13
12
11
10
9
8
PLconstH15
PLconstH14
PLconstH13
PLconstH12
PLconstH11
PLconstH10
PLconstH9
PLconstH8
765
432
1
0
PLconstH7
PLconstH6
PLconstH5
PLconstH4
PLconstH3
PLconstH2
PLconstH1
PLconstH0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com