Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 24 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 24 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 20Page - Integrated Device Technology 90E21 Datasheet HTML 21Page - Integrated Device Technology 90E21 Datasheet HTML 22Page - Integrated Device Technology 90E21 Datasheet HTML 23Page - Integrated Device Technology 90E21 Datasheet HTML 24Page - Integrated Device Technology 90E21 Datasheet HTML 25Page - Integrated Device Technology 90E21 Datasheet HTML 26Page - Integrated Device Technology 90E21 Datasheet HTML 27Page - Integrated Device Technology 90E21 Datasheet HTML 28Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Register
24
January 10, 2012
SmallPMod
Small-Power Mode
LastSPIData
Last Read/Write SPI Value
Address: 04H
Type: Read/Write
Default Value: 0000H
Bit
Name
Description
15 - 0
SmallPMod[15:0]
Small-power mode command.
A987H: small-power mode. The relationship between the register value of L line and N line active/reactive power in small-power
mode and normal mode is:
power in normal mode = power in small-power mode *10*Igain*Ugain /2^42
Others: Normal mode.
Small-power mode is mainly used in the power offset calibration.
Address: 06H
Type: Read
Default Value: 0000H
Bit
Name
Description
15 - 0
LastSPI-
Data[15:0]
This register stores the data that is just read or written through the SPI interface. Refer to Table-9 and Table-10.
15
14
13
12
11
10
9
8
SmallPMod15
SmallPMod14
SmallPMod13
SmallPMod12
SmallPMod11
SmallPMod10
SmallPMod9
SmallPMod8
765
432
1
0
SmallPMod7
SmallPMod6
SmallPMod5
SmallPMod4
SmallPMod3
SmallPMod2
SmallPMod1
SmallPMod0
15
14
13
12
11
10
9
8
LastSPIData15
LastSPIData14
LastSPIData13
LastSPIData12
LastSPIData11
LastSPIData10
LastSPIData9
LastSPIData8
765
432
1
0
LastSPIData7
LastSPIData6
LastSPIData5
LastSPIData4
LastSPIData3
LastSPIData2
LastSPIData1
LastSPIData0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com