Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 8Page - Integrated Device Technology 90E21 Datasheet HTML 9Page - Integrated Device Technology 90E21 Datasheet HTML 10Page - Integrated Device Technology 90E21 Datasheet HTML 11Page - Integrated Device Technology 90E21 Datasheet HTML 12Page - Integrated Device Technology 90E21 Datasheet HTML 13Page - Integrated Device Technology 90E21 Datasheet HTML 14Page - Integrated Device Technology 90E21 Datasheet HTML 15Page - Integrated Device Technology 90E21 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Functional Description
12
January 10, 2012
3
FUNCTIONAL DESCRIPTION
3.1
DYNAMIC METERING RANGE
Accuracy is 0.1% for active energy metering and 0.2% for reactive
energy metering over a dynamic range of 5000:1 (typical). Refer to
Table-3 and Table-4.
3.2
STARTUP AND NO-LOAD POWER
Startup and no-load power thresholds are programmable, both for
active and reactive power. The related registers are listed in Table-5.
The chip will start within 1.2 times of the theoretical startup time of
the configured startup power, if startup power is less than the corre-
sponding power of 20mA when power factor or sinφ is 1.0.
The chip has no-load status bits, the Pnoload/Qnoload bit (EnStatus,
46H). The chip will not output any active pulse (CF1) in active no-load
state. The chip will not output any reactive pulse (CF2) in reactive no-
load state.
3.3
ENERGY REGISTERS
The 90E21/22/23/24 provides energy pulse output CFx (CF1/CF2)
which is proportionate to active/reactive energy. Energy is usually accu-
mulated by adding the CFx pulses in system applications. Alternatively,
the 90E21/22/23/24 provides energy registers. There are forward
(inductive), reverse (capacitive) and absolute energy registers for both
active and reactive energy. Refer to Table-6.
Each energy register is cleared after read. The resolution of energy
registers is 0.1CF, i.e. one LSB represents 0.1 energy pulse.
Table-3 Active Energy Metering Error
Current
Power Factor
Error(%)
20mA ≤ I < 50mA
1.0
±
0.2
50mA ≤ I ≤ 100A
±
0.1
50mA ≤ I < 100mA
0.5 (Inductive)
0.8 (Capacitive)
±
0.2
100mA ≤ I ≤ 100A
±
0.1
Note: Shunt resistor is 250
µΩ or CT ratio is 1000:1 and load resistor is 6Ω.
Table-4 Reactive Energy Metering Error
Current
sin
φ (Inductive or
Capacitive)
Error(%)
20mA ≤ I < 50mA
1.0
±
0.4
50mA ≤ I ≤ 100A
±
0.2
50mA ≤ I < 100mA
0.5
±
0.4
100mA ≤ I ≤ 100A
±
0.2
Note: Shunt resistor is 250
µΩ or CT ratio is 1000:1 and load resistor is 6Ω.
Table-5 Threshold Configuration for Startup and No-Load Power
Threshold
Register
Threshold for Active Startup Power
PStartTh, 27H
Threshold for Active No-load Power
PNolTh, 28H
Threshold for Reactive Startup Power
QStartTh, 29H
Threshold for Reactive No-load Power
QNolTh, 2AH
Table-6 Energy Registers
Energy
Register
Forward Active Energy
APenergy, 40H
Reverse Active Energy
ANenergy, 41H
Absolute Active Energy
ATenergy, 42H
Forward (Inductive) Reactive Energy
RPenergy, 43H
Reverse (Capacitive) Reactive Energy
RNenergy, 44H
Absolute Reactive Energy
RTenergy, 45H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com