Electronic Components Datasheet Search
  English  ▼

X  

OR4E2 Datasheet(PDF) 124 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 124 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 116Page - Agere Systems OR4E2 Datasheet HTML 117Page - Agere Systems OR4E2 Datasheet HTML 118Page - Agere Systems OR4E2 Datasheet HTML 119Page - Agere Systems OR4E2 Datasheet HTML 120Page - Agere Systems OR4E2 Datasheet HTML 121Page - Agere Systems OR4E2 Datasheet HTML 122Page - Agere Systems OR4E2 Datasheet HTML 123Page - Agere Systems OR4E2 Datasheet HTML 124Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 124 / 124 page
background image
Preliminary Data Sheet
ORCA Series 4 FPGAs
December 2000
Lucent Technologies Inc. reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application. No
rights under any patent accompany the sale of any such product(s) or information. ORCA is a registered trademark of Lucent Technologies Inc. Foundry is a trademark of Xilinx, Inc.
Copyright © 2000 Lucent Technologies Inc.
All Rights Reserved
December 2000
DS01-024NCIP (Replaces DS00-221FPGA)
For additional information, contact your Microelectronics Group Account Manager or the following:
INTERNET:
http://www.lucent.com/micro, or for FPGA information, http://www.lucent.com/orca
E-MAIL:
docmaster@micro.lucent.com
N. AMERICA:
Microelectronics Group, Lucent Technologies Inc., 555 Union Boulevard, Room 30L-15P-BA, Allentown, PA 18109-3286
1-800-372-2447, FAX 610-712-4106 (In CANADA: 1-800-553-2448, FAX 610-712-4106)
ASIA PACIFIC: Microelectronics Group, Lucent Technologies Singapore Pte. Ltd., 77 Science Park Drive, #03-18 Cintech III, Singapore 118256
Tel. (65) 778 8833, FAX (65) 777 7495
CHINA:
Microelectronics Group, Lucent Technologies (China) Co., Ltd., A-F2, 23/F, Zao Fong Universe Building, 1800 Zhong Shan Xi Road, Shanghai
200233 P. R. China Tel. (86) 21 6440 0468, ext. 325, FAX (86) 21 6440 0652
JAPAN:
Microelectronics Group, Lucent Technologies Japan Ltd., 7-18, Higashi-Gotanda 2-chome, Shinagawa-ku, Tokyo 141, Japan
Tel. (81) 3 5421 1600, FAX (81) 3 5421 1700
EUROPE:
Data Requests: MICROELECTRONICS GROUP DATALINE: Tel. (44) 7000 582 368, FAX (44) 1189 328 148
Technical Inquiries: GERMANY: (49) 89 95086 0 (Munich), UNITED KINGDOM: (44) 1344 865 900 (Ascot),
FRANCE: (33) 1 40 83 68 00 (Paris), SWEDEN: (46) 8 594 607 00 (Stockholm), FINLAND: (358) 9 3507670 (Helsinki),
ITALY: (39) 02 6608131 (Milan), SPAIN: (34) 1 807 1441 (Madrid)
Ordering Information
5-6435 (F)
Table 49. Series 4 Package Matrix (Speed Grades)
Table 50. Package Options
Packages
352-Pin PBGA
1.27 mm
432-Pin EBGA
1.27 mm
680-Pin PBGAM
1 mm
OR4E2
-1/-2
-1/-2
—
OR4E4
-1/-2
-1/-2
-1/-2
OR4E6
-1/-2
-1/-2
-1/-2
OR4E10
——
-1/-2
Symbol
Description
BA
Plastic Ball Grid Array (PBGA)
BC
Enhanced Ball Grid Array (EBGA)
BM
Plastic Multilayer Ball Grid Array (PBGAM)
DEVICE TYPE
PACKAGE TYPE
OR4Exx -1 BM
NUMBER OF PINS
680
SPEED GRADE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com