Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 83 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 83 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 79Page - Agere Systems OR3C80 Datasheet HTML 80Page - Agere Systems OR3C80 Datasheet HTML 81Page - Agere Systems OR3C80 Datasheet HTML 82Page - Agere Systems OR3C80 Datasheet HTML 83Page - Agere Systems OR3C80 Datasheet HTML 84Page - Agere Systems OR3C80 Datasheet HTML 85Page - Agere Systems OR3C80 Datasheet HTML 86Page - Agere Systems OR3C80 Datasheet HTML 87Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 210 page
background image
Lucent Technologies Inc.
83
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Programmable Clock Manager (PCM)
(continued)
PCM Applications
The applications discussed below are only a small
sampling of the possible uses for the PCM. Check the
Lucent Technologies
ORCA FPGA Internet website
(listed at the end of this data sheet) for additional appli-
cation notes.
Clock Phase Adjustment
The PCM may be used to adjust the phase of the input
clock. The result is an output clock which has its active
edge either preceding or following the active edge of
the input clock. Clock phase adjustment is accom-
plished in DLL mode by delaying the clock. This is dis-
cussed in the Delay-Locked Loop (DLL) Mode section.
Examples of using the delayed clock as an early or late
phase-adjusted clock are outlined in the following para-
graphs.
An output clock that precedes the input clock can be
used to compensate for clock delay that is largely due
to excessive loading. The preceding output clock is
really not early relative to the input clock, but is delayed
almost a full cycle. This is shown in Figure 48A. The
amount of delay that is being compensated for, plus
clock setup time and some margin, is the amount less
than one full clock cycle that the output clock is delayed
from the input clock.
In some systems, it is desirable to operate logic from
several clocks that operate at different phases. This
technique is often used in microprocessor-based sys-
tems to transfer and process data synchronously
between functional areas, but without incurring exces-
sive delays. Figure 48B shows an input clock and an
output clock operating 180° out of phase. It also shows
a version of the input clock that was shifted approxi-
mately 180° using logic gates to create an inverter.
Note that the inverted clock is really shifted more than
180° due to the propagation delay of the inverter. The
PCM
output clock does not suffer from this delay. Addi-
tionally, the 180° shifted PCM output could be shifted
by some smaller amount to effect an early 180° shifted
clock that also accounts for loading effects.
In terms of degrees of phase shift, the phase of a clock
is adjustable in DLL mode with resolution relative to the
delay increment (see Table 27):
Phase Adjustment = (Delay)* 11.25,
Delay < 16
Phase Adjustment = ((Delay)* 11.25) – 360,
Delay > 16
5-5979(F)
Figure 48. Clock Phase Adjustment Using the PCM
INPUT CLOCK
OUTPUT CLOCK
INPUT CLOCK
PCM OUTPUT CLOCK
INVERTED INPUT CLOCK
A. Generating an Early Clock
B. Multiphase Clock Generation Using the DLL
UNINTENDED PHASE
SHIFT DUE TO
INVERTER DELAY
DLL DELAY
DLL DELAY
CLOCK DELAY AND SETUP
BEING COMPENSATED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com