Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 100 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 100 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 96Page - Agere Systems OR3C80 Datasheet HTML 97Page - Agere Systems OR3C80 Datasheet HTML 98Page - Agere Systems OR3C80 Datasheet HTML 99Page - Agere Systems OR3C80 Datasheet HTML 100Page - Agere Systems OR3C80 Datasheet HTML 101Page - Agere Systems OR3C80 Datasheet HTML 102Page - Agere Systems OR3C80 Datasheet HTML 103Page - Agere Systems OR3C80 Datasheet HTML 104Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 210 page
background image
100
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of this data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
The
ORCA Series FPGAs include circuitry designed to protect the chips from damaging substrate injection cur-
rents and to prevent accumulations of static charge. Nevertheless, conventional precautions should be observed
during storage, handling, and use to avoid exposure to excessive electrical stress.
Table 35. Absolute Maximum Ratings
Recommended Operating Conditions
Table 36. Recommended Operating Conditions
Note: The maximum recommended junction temperature (TJ) during operation is 125 °C.
Parameter
Symbol
Min
Max
Unit
Storage Temperature
Tstg
–65
150
°C
Supply Voltage with Respect to Ground
VDD
–0.5
7.0
V
Input Signal with Respect to Ground
—
–0.5
VDD + 0.3
V
Signal Applied to High-impedance Output
—
–0.5
VDD + 0.3
V
Maximum Package Body Temperature
—
—
220
°C
Mode
OR3Cxx
OR3Txxx
Temperature
Range
(Ambient)
Supply Voltage
(VDD)
Temperature
Range
(Ambient)
Supply Voltage
(VDD)
Commercial
0 °C to 70 °C
5 V ± 5%
0 °C to 70 °C
3.0 V to 3.6 V
Industrial
–40 °C to +85 °C
5 V ± 10%
–40 °C to +85 °C
3.0 V to 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com