Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 47 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 47 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 43Page - Agere Systems OR3C80 Datasheet HTML 44Page - Agere Systems OR3C80 Datasheet HTML 45Page - Agere Systems OR3C80 Datasheet HTML 46Page - Agere Systems OR3C80 Datasheet HTML 47Page - Agere Systems OR3C80 Datasheet HTML 48Page - Agere Systems OR3C80 Datasheet HTML 49Page - Agere Systems OR3C80 Datasheet HTML 50Page - Agere Systems OR3C80 Datasheet HTML 51Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 210 page
background image
Lucent Technologies Inc.
47
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
High-Level Routing Resources
The high-level routing resources in the
ORCA Series 3 devices are interquad routing, corner cell routing, and PIC
interquad routing. These resources and their related structures are discussed in the following subsections.
Interquad Routing
In the
ORCA Series 3 devices, the PLC array is split into four equal quadrants. In between these quadrants, routing
has been added to route signals between the quadrants and distribute clocks. In addition to general routing, there
are four specialized clock routing spines. The general routing is discussed below, followed by the special clock rout-
ing.
One of the main purposes of interquad routing is to distribute internally generated signals, such as clocks and con-
trol signals. There are two types of interquad blocks: vertical and horizontal. Vertical interquad blocks (vIQ) run
between quadrants on the left and right, while horizontal interquad blocks (hIQ) run between top and bottom quad-
rants. Interquad lines begin and end in the MID cells that are discussed later. Since hIQ and vIQ blocks have the
same logic, only the hIQ block is described below. The interquad routing connects to x5 and xH segments. It does
not affect other local routing (xsw, x1, fast carry), so local routing is the same, whether PLC-PLC connections cross
quadrants or not. Figure 28 presents a (not to scale) view of interquad routing.
5-4538(F)
Figure 28. Interquad Routing
TMID
BMID
5
5
5
5
5
5
5
5
5
5
LMID
RMID
hIQ7[4:0]
hIQ5[4:0]
hIQ3[4:0]
hIQ1[4:0]
hIQ9[4:0]
hIQ6[4:0]
hIQ4[4:0]
hIQ2[4:0]
hIQ0[4:0]
hIQ8[4:0]
5
5
5
5
5
5
5
5
5
5
FAST CLOCK R
FAST CLOCK L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com