Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 57 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 57 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 53Page - Agere Systems OR3C80 Datasheet HTML 54Page - Agere Systems OR3C80 Datasheet HTML 55Page - Agere Systems OR3C80 Datasheet HTML 56Page - Agere Systems OR3C80 Datasheet HTML 57Page - Agere Systems OR3C80 Datasheet HTML 58Page - Agere Systems OR3C80 Datasheet HTML 59Page - Agere Systems OR3C80 Datasheet HTML 60Page - Agere Systems OR3C80 Datasheet HTML 61Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 210 page
background image
Lucent Technologies Inc.
57
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Special Function Blocks (continued)
Boundary Scan
The increasing complexity of integrated circuits (ICs)
and IC packages has increased the difficulty of testing
printed-circuit boards (PCBs). To address this testing
problem, the
IEEE standard 1149.1/D1 (IEEE Standard
Test Access Port and Boundary-Scan Architecture) is
implemented in the
ORCA series of FPGAs. It allows
users to efficiently test the interconnection between
integrated circuits on a PCB as well as test the inte-
grated circuit itself. The
IEEE 1149.1/D1 standard is a
well-defined protocol that ensures interoperability
among boundary-scan (BSCAN) equipped devices
from different vendors.
The
IEEE 1149.1/D1 standard defines a test access
port (TAP) that consists of a four-pin interface with an
optional reset pin for boundary-scan testing of inte-
grated circuits in a system. The
ORCA Series FPGA
provides four interface pins: test data in (TDI), test
mode select (TMS), test clock (TCK), and test data out
(TDO). The PRGM pin used to reconfigure the device
also resets the boundary-scan logic.
The user test host serially loads test commands and
test data into the FPGA through these pins to drive out-
puts and examine inputs. In the configuration shown in
Figure 36, where boundary scan is used to test ICs,
test data is transmitted serially into TDI of the first
BSCAN device (U1), through TDO/TDI connections
between BSCAN devices (U2 and U3), and out TDO of
the last BSCAN device (U4). In this configuration, the
TMS and TCK signals are routed to all boundary-scan
ICs in parallel so that all boundary-scan components
operate in the same state. In other configurations, mul-
tiple scan paths are used instead of a single ring. When
multiple scan paths are used, each ring is indepen-
dently controlled by its own TMS and TCK signals.
Figure 37 provides a system interface for components
used in the boundary-scan testing of PCBs. The three
major components shown are the test host, boundary-
scan support circuit, and the devices under test
(DUTs). The DUTs shown here are
ORCA Series
FPGAs with dedicated boundary-scan circuitry. The
test host is normally one of the following: automatic test
equipment (ATE), a workstation, a PC, or a micropro-
cessor.
5-5972(F)
Key: BSC = boundary-scan cell, BDC = bidirectional data cell,
and DCC = data control cell.
Figure 36. Printed-Circuit Board with Boundary-
Scan Circuitry
TDI
TMS
TCK
TDO
TDI
TDO
TMS
TCK
U2
net a
net b
net c
PLC
ARRAY
BDC
BSC
p_in
p_ts
SCAN
OUT
SCAN
IN
PR[ij]
DCC
p_out
BDC
BSC
p_in
p_out
p_ts
PL[ij]
DCC
SCAN
IN
SCAN
OUT
BDC
DCC
BSC
p_in
p_out
p_ts
SCAN
OUT
PB[ij]
SCAN
IN
TDO TCK TMS TDI
TAPC
BYPASS
REGISTER
INSTRUCTION
REGISTER
BDC
DCC
BSC
p_in
p_out
p_ts
SCAN
OUT
SCAN
IN
PT[ij]
SEE ENLARGED VIEW BELOW
s
TDI
TDO
TMS
TCK
U3
TDI
TDO
TMS
TCK
U4
TDI
TDO
TMS
TCK
U2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com