Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 17 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 17 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 13Page - Agere Systems OR3C80 Datasheet HTML 14Page - Agere Systems OR3C80 Datasheet HTML 15Page - Agere Systems OR3C80 Datasheet HTML 16Page - Agere Systems OR3C80 Datasheet HTML 17Page - Agere Systems OR3C80 Datasheet HTML 18Page - Agere Systems OR3C80 Datasheet HTML 19Page - Agere Systems OR3C80 Datasheet HTML 20Page - Agere Systems OR3C80 Datasheet HTML 21Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 210 page
background image
Lucent Technologies Inc.
17
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Programmable Logic Cells (continued)
The ripple mode can be used in one of four submodes.
The first of these is adder-subtractor submode. In
this submode, each LUT generates three separate out-
puts. One of the three outputs selects whether the
carry-in is to be propagated to the carry-out of the cur-
rent LUT or if the carry-out needs to be generated. If
the carry-out needs to be generated, this is provided by
the second LUT output. The result of this selection is
placed on the carry-out signal, which is connected to
the next LUT carry-in or the COUT/FCOUT signal, if it
is the last LUT (K7/K3). Both of these outputs can be
any equation created from KZ[1] and KZ[0], but in this
case, they have been set to the propagate and gener-
ate functions.
The third LUT output creates the result bit for each LUT
output connected to F[7:0]/F[3:0]. If an adder/subtrac-
tor is needed, the control signal to select addition or
subtraction is input on ASWE, with a logic 0 indicating
subtraction and a logic 1 indicating addition. The result
bit is created in one-half of the LUT from a single bit
from each input bus KZ[1:0], along with the ripple input
bit.
The second submode is the counter submode (see
Figure 7). The present count, which may be initialized
via the PFU DIN inputs to the latches/FFs, is supplied
to input KZ[0], and then output F[7:0]/F[3:0] will either
be incremented by one for an up counter or decre-
mented by one for a down counter. If an up/down
counter is needed, the control signal to select the direc-
tion (up or down) is input on ASWE with a logic 1 indi-
cating an up counter and a logic 0 indicating a down
counter. Generally, the latches/FFs in the same PFU
are used to hold the present count value.
Figure 7. Counter Submode
5-5756(F)
F7
K7[0]
K7
D
Q
C
C
DQ
Q7
REGCOUT
COUT
F6
K6[0]
K6
D
Q
Q6
F4
K4[0]
K4
D
Q
Q4
F3
K3[0]
K3
D
Q
Q3
F2
K2[0]
K2
D
Q
Q2
F1
K1[0]
K1
D
Q
Q1
F5
K5[0]
K5
D
Q
Q5
F0
K0[0]
K0
D
Q
Q0
CIN/FCIN
FCOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com