Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 86 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 86 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 82Page - Agere Systems OR3C80 Datasheet HTML 83Page - Agere Systems OR3C80 Datasheet HTML 84Page - Agere Systems OR3C80 Datasheet HTML 85Page - Agere Systems OR3C80 Datasheet HTML 86Page - Agere Systems OR3C80 Datasheet HTML 87Page - Agere Systems OR3C80 Datasheet HTML 88Page - Agere Systems OR3C80 Datasheet HTML 89Page - Agere Systems OR3C80 Datasheet HTML 90Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 210 page
background image
86
86
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
FPGA States of Operation (continued)
If configuration has begun, an assertion of RESET or
PRGM
initiates an abort, returning the FPGA to the ini-
tialization state. The PRGM and RESET pins must be
pulled back high before the FPGA will enter the config-
uration state. During the start-up and operating states,
only the assertion of PRGM causes a reconfiguration.
In the master configuration modes, the FPGA is the
source of configuration clock (CCLK). In this mode, the
initialization state is extended to ensure that, in daisy-
chain operation, all daisy-chained slave devices are
ready. Independent of differences in clock rates, master
mode devices remain in the initialization state an addi-
tional six internal clock cycles after INIT goes high.
When configuration is initiated, a counter in the FPGA
is set to 0 and begins to count configuration clock
cycles applied to the FPGA. As each configuration data
frame is supplied to the FPGA, it is internally assem-
bled into data words. Each data word is loaded into the
internal configuration memory. The configuration load-
ing process is complete when the internal length count
equals the loaded length count in the length count field,
and the required end of configuration frame is written.
All OR3Cxx I/Os operate as TTL inputs during configu-
ration (OR3Txxx I/Os are CMOS-only). All I/Os that are
not used during the configuration process are
3-stated with internal pull-ups.
Warning: During configuration, all OR3Txxx inputs
have internal pull-ups enabled. If these inputs are
driven to 5V, they will draw substantial current (
≅ 5 ma).
This is due to the fact that the inputs are pulled up to
3V.
During configuration, the PIC and PLC latches/FFs are
held set/reset and the internal BIDI buffers are 3-
stated. The combinatorial logic begins to function as
the FPGA is configured. Figure 50 shows the general
waveform of the initialization, configuration, and start-
up states.
Configuration
The
ORCA Series FPGA functionality is determined by
the state of internal configuration RAM. This configura-
tion RAM can be loaded in a number of different
modes. In these configuration modes, the FPGA can
act as a master or a slave of other devices in the sys-
tem. The decision as to which configuration mode to
use is a system design issue. Configuration is dis-
cussed in detail, including the configuration data format
and the configuration modes used to load the configu-
ration data in the FPGA, following a description of the
start-up state.
5-4482(F)
Figure 50. Initialization/Configuration/Start-Up Waveforms
VDD
M[3:0]
CCLK
HDC
LDC
DONE
USER I/O
INTERNAL
RESET
(gsrn)
CONFIGURATION
OPERATION
INITIALIZATION
START-UP
RESET
PRGM
INIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com