Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 95 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 95 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 91Page - Agere Systems OR3C80 Datasheet HTML 92Page - Agere Systems OR3C80 Datasheet HTML 93Page - Agere Systems OR3C80 Datasheet HTML 94Page - Agere Systems OR3C80 Datasheet HTML 95Page - Agere Systems OR3C80 Datasheet HTML 96Page - Agere Systems OR3C80 Datasheet HTML 97Page - Agere Systems OR3C80 Datasheet HTML 98Page - Agere Systems OR3C80 Datasheet HTML 99Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 210 page
background image
Lucent Technologies Inc.
95
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
FPGA Configuration Modes (continued)
There are two options for using the host interrupt
request in configuration mode. The configuration con-
trol register offers control bits to enable the interrupt on
either a bit stream error or to notify the host processor
when the FPGA is ready for more configuration data.
The MPI status register may be used in conjunction
with, or in place of, the interrupt request options. The
status register contains a 2-bit field to indicate the bit
stream error status. As previously mentioned, there is
also a bit to indicate the MPI’s readiness to receive
another byte of configuration data. A flow chart of the
MPI
configuration process is shown in Figure 59. The
MPI
status and configuration register bit maps can be
found in the Special Function Blocks section and MPI
configuration timing information is available in the Tim-
ing Characteristics section of this data sheet.
5-5761(F)
Note: FPGA shown as a memory-mapped peripheral using CS0 and
CS1. Other decoding schemes are possible using CS0 and/or
CS1.
Figure 57.
PowerPC/MPI Configuration Schematic
5-5762(F)
Note: FPGA shown as only system peripheral with fixed chip select
signals. For multiperipheral systems, address decoding and/
or latching can be used to implement chip selects.
Figure 58.
i960/MPI Configuration Schematic
Configuration readback can also be performed via the
MPI
when it is in user mode. The MPI is enabled in user
mode by setting the MP_USER bit to 1 in the configura-
tion control register prior to the start of configuration or
through a configuration option. To perform readback,
the host processor writes the 14-bit readback start
address to the readback address registers and sets the
RD_CFG
bit to 0 in the configuration control register.
Readback data is returned 8 bits at a time to the read-
back data register and is valid when the DATA_RDY bit
of the status register is 1. There is no error checking
during readback. A flow chart of the MPI readback
operation is shown in Figure 60. The RD_DATA pin
used for dedicated FPGA readback is invalid during
MPI
readback.
5-5763(F)
Figure 59. Configuration Through MPI
DOUT
CCLK
D[7:0]
A[4:0]
MPI_CLK
MPI_RW
MPI_ACK
MPI_BI
MPI_IRQ
MPI_STRB
CS0
CS1
HDC
LDC
D[7:0]
A[27:31]
CLKOUT
RD/WR
TA
BI
IRQx
TS
A26
A25
TO DAISY-
CHAINED
DEVICES
POWERPC
ORCA
8
FPGA
SERIES 3
DONE
INIT
DOUT
CCLK
D[7:0]
MPI_CLK
MPI_RW
MPI_ACK
MPI_IRQ
MPI_ALE
MPI_BE1
HDC
LDC
TO DAISY-
CHAINED
DEVICES
ORCA
8
FPGA
SERIES 3
DONE
INIT
AD[7:0]
CLKIN
W/R
RDYRCV
XINTx
ALE
BE1
i960
CS1
CS0
i960 SYSTEM CLOCK
VDD
MPI_BE0
BE0
MPI_STRB
ADS
POWER ON WITH
WRITE CONFIGURATION
READ STATUS REGISTER
INIT = 1?
NO
READ STATUS REGISTER
BIT STREAM ERROR?
DATA_RDY = 1?
WRITE DATA TO
DONE = 1?
DONE
ERROR
YES
YES
YES
NO
NO
YES
NO
VALID M[3:0]
CONTROL REGISTER BITS
CONFIGURATION DATA REG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com