Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 26 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 26 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 22Page - Agere Systems OR3C80 Datasheet HTML 23Page - Agere Systems OR3C80 Datasheet HTML 24Page - Agere Systems OR3C80 Datasheet HTML 25Page - Agere Systems OR3C80 Datasheet HTML 26Page - Agere Systems OR3C80 Datasheet HTML 27Page - Agere Systems OR3C80 Datasheet HTML 28Page - Agere Systems OR3C80 Datasheet HTML 29Page - Agere Systems OR3C80 Datasheet HTML 30Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 210 page
background image
26
26
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Programmable Logic Cells (continued)
The GSRN signal is only asynchronous, and it sets/
resets all latches/FFs in the FPGA based upon the set/
reset configuration bit for each latch/FF. The set/reset
value determines whether GSRN and LSR are set or
reset inputs. The set/reset value is independent for
each latch/FF. A new option is available to disable the
GSRN function per PFU after initial device configura-
tion.
The latch/FF can be configured to have a data front-
end select. Two data inputs are possible in the front-
end select mode, with the SEL signal used to select
which data input is used. The data input into each
latch/FF is from the output of its associated LUT, F[7:0],
or direct from DIN[7:0], bypassing the LUT. In the front-
end data select mode, both signals are available to the
latches/FFs.
If either or both of these inputs is unused or is unavail-
able, the latch/FF data input can be tied to a logic 0 or
logic 1 instead (the default is logic 0).
The latches/FFs can be configured in three basic
modes:
1. Local synchronous set/reset: the input into the
PFU’s LSR port is used to synchronously set or
reset each latch/FF.
2. Local asynchronous set/reset: the input into LSR
asynchronously sets or resets each latch/FF.
3. Latch/FF with front-end select, LSR either synchro-
nous or asynchronous: the data select signal
selects the input into the latches/FFs between the
LUT output and direct data in.
For all three modes, each latch/FF can be indepen-
dently programmed as either set or reset. Figure 17
provides the logic functionality of the front-end select,
global set/reset, and local set/reset operations.
The ninth PFU FF, which is generally associated with
registering the carry-out signal in ripple mode func-
tions, can be used as a general-purpose FF. It is only
an FF and is not capable of being configured as a latch.
Because the ninth FF is not associated with an LUT,
there is no front-end data select. The data input to the
ninth FF is limited to the CIN input, logic 1, logic 0, or
the carry-out in ripple and half-logic modes.
Key: C = configuration data.
Figure 17. Latch/FF Set/Reset Configurations
DIN
LOGIC 0
LOGIC 1
F
CE
D
s_set
s_reset
CLK
SET RESET
Q
LSR
GSRN
CD
CE/ASWE
D
CLK
SET RESET
LSR
CD
CE
CE/ASWE
D
CLK
SET RESET
CD
CE
CE/ASWE
DIN
SEL
GSRN
DIN
LOGIC 0
LOGIC 1
F
DIN
LOGIC 0
LOGIC 1
F
LSR
GSRN
Q
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com