Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 66 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 66 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 62Page - Agere Systems OR3C80 Datasheet HTML 63Page - Agere Systems OR3C80 Datasheet HTML 64Page - Agere Systems OR3C80 Datasheet HTML 65Page - Agere Systems OR3C80 Datasheet HTML 66Page - Agere Systems OR3C80 Datasheet HTML 67Page - Agere Systems OR3C80 Datasheet HTML 68Page - Agere Systems OR3C80 Datasheet HTML 69Page - Agere Systems OR3C80 Datasheet HTML 70Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 210 page
background image
66
66
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Microprocessor Interface (MPI) (continued)
i960 System
Figure 44 shows a schematic for connecting the
ORCA
MPI
to supported
i960 processors. In the figure, the
FPGA is shown as the only peripheral, with the FPGA
chip select lines, CS0 and CS1, tied low and high,
respectively. The
i960 address and data are multi-
plexed onto the same bus. This precludes memory
mapping of the FPGA in the
i960 memory space of a
multiperipheral system without some form of address
latching to capture and hold the address signals to
drive the CS0 and/or CS1 signals. Multiple address sig-
nals could also be decoded and latched to drive the
CS0
and/or CS1 signals. If the MPI is not used for
FPGA configuration, decoding/latching logic can be
implemented internal or external to the FPGA. If logic
internal to the FPGA is used, the chip selects must be
routed out an output pin and then connected externally
to CS0 and/or CS1. If the MPI is to be used for configu-
ration, any decode/latch logic used must be imple-
mented external to the FPGA since the FPGA logic has
not been configured yet.
5-5762(F)
Note: FPGA shown as only system peripheral with fixed-chip select
signals. For multiperipheral systems, address decoding and/
or latching can be used to implement chip selects.
Figure 44.
i960/MPI
The basic flow of a transaction on the
i960/MPI inter-
face is given below. Pin descriptions are shown in
Table 17, and timing is shown in the
ORCA Timing
Characteristics section of this data sheet. For both read
and write transactions, the address latch enable (ALE)
is set up by the
i960 at the FPGA to the falling edge of
the clock. The address, byte enables, chip selects, and
read/write (read low, write high) signals are normally
set up at the FPGA pins by the
i960 at the next rising
edge of the clock. At this same rising clock edge, the
i960 asserts its address/data strobe (ADS) low. Data is
available to the MPI during a write at the rising clock
edge of the following clock cycle. The transfer is
acknowledged to the
i960 by the low assertion of the
ready/recover (RDYRCV) signal. The same process
applies to a read from the MPI except that the read
data is expected at the FPGA data pins by the
i960 at
the rising edge of the clock when RDYRCV is low. The
MPI
only drives RDYRCV low for one clock cycle.
Interrupts can be sent to the
i960 asynchronously to
the read/write process. Interrupt requests are sourced
by the user-logic in the FPGA. The MPI will assert the
request to the
i960 as a direct interrupt signal and/or a
pollable bit in the MPI status register (discussed in the
MPI
Setup and Control section). The MPI will continue
to assert the interrupt request until the user-logic deas-
serts its interrupt request signal.
Table 17. i960/MPI Configuration
DOUT
CCLK
D[7:0]
MPI_CLK
MPI_RW
MPI_ACK
MPI_IRQ
MPI_ALE
MPI_BE1
HDC
LDC
TO DAISY-
CHAINED
DEVICES
ORCA
8
FPGA
SERIES 3
DONE
INIT
AD[7:0]
CLKIN
W/R
RDYRCV
XINTx
ALE
BE1
i960
CS1
CS0
i960 SYSTEM CLOCK
VDD
MPI_BE0
BE0
MPI_STRB
ADS
i960
Signal
ORCA Pin
Name
MPI
I/O
Function
AD[7:0]
D[7:0]
I/O
Multiplexed 5-bit address/
8-bit data bus. The
address appears on D[4:0].
ALE
RDY/RCLK/
MPI_ALE
I
Address latch enable used
to capture address from
AD[4:0] on falling edge of
clock.
ADS
RD
/
MPI_STRB
I
Address/data strobe to
indicate start of transac-
tion.
—
CS0
I
Active-low
MPI select.
—
CS1
I
Active-high
MPI select.
System
Clock
A7/
MPI_CLK
I
i960 system clock. This
clock is sourced by the
system and not the
i960.
W/R
A8/MPI_RW
I
Write (high)/read (low)
signal.
RDYRCV
A9/
MPI_ACK
O
Active-low ready/recover
signal indicating acknowl-
edgment of the transac-
tion.
Any of
XINT
[7:0]
A11/
MPI_IRQ
O
Active-low interrupt
request signal.
BE0
A0/
MPI_BE0
IByte-enable 0 used as
address bit 0 in
i960 8-bit
mode.
BE1
A1/
MPI_BE1
IByte-enable 1 used as
address bit 1 in
i960 8-bit
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com