Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 61 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 61 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 57Page - Agere Systems OR3C80 Datasheet HTML 58Page - Agere Systems OR3C80 Datasheet HTML 59Page - Agere Systems OR3C80 Datasheet HTML 60Page - Agere Systems OR3C80 Datasheet HTML 61Page - Agere Systems OR3C80 Datasheet HTML 62Page - Agere Systems OR3C80 Datasheet HTML 63Page - Agere Systems OR3C80 Datasheet HTML 64Page - Agere Systems OR3C80 Datasheet HTML 65Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 210 page
background image
Lucent Technologies Inc.
61
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Special Function Blocks (continued)
ORCA Series TAP Controller (TAPC)
The
ORCA Series TAP controller (TAPC) is a 1149.1/
D1 compatible test access port controller. The 16 JTAG
state assignments from the
IEEE 1149.1/D1 specifica-
tion are used. The TAPC is controlled by TCK and
TMS. The TAPC states are used for loading the IR to
allow three basic functions in testing: providing test
stimuli (Update-DR), test execution (Run-Test/Idle),
and obtaining test responses (Capture-DR). The TAPC
allows the test host to shift in and out both instructions
and test data/results. The inputs and outputs of the
TAPC are provided in the table below. The outputs are
primarily the control signals to the instruction register
and the data register.
Table 15. TAP Controller Input/Outputs
The TAPC generates control signals that allow capture,
shift, and update operations on the instruction and data
registers. In the capture operation, data is loaded into
the register. In the shift operation, the captured data is
shifted out while new data is shifted in. In the update
operation, either the instruction register is loaded for
instruction decode, or the boundary-scan register is
updated for control of outputs.
The test host generates a test by providing input into
the
ORCA Series TMS input synchronous with TCK.
This sequences the TAPC through states in order to
perform the desired function on the instruction register
or a data register. Figure 39 provides a diagram of the
state transitions for the TAPC. The next state is deter-
mined by the TMS input value.
5-5370(F)
Figure 39. TAP Controller State Transition Diagram
Symbol
I/O
Function
TMS
I
Test Mode Select
TCK
I
Test Clock
PUR
I
Powerup Reset
PRGM
I
BSCAN Reset
TRESET
O
Test Logic Reset
Select
O
Select IR (High); Select-DR (Low)
Enable
O
Test Data Out Enable
Capture-DR
O
Capture/Parallel Load-DR
Capture-IR
O
Capture/Parallel Load-IR
Shift-DR
O
Shift Data Register
Shift-IR
O
Shift Instruction Register
Update-DR
O
Update/Parallel Load-DR
Update-IR
O
Update/Parallel Load-IR
SELECT-
DR-SCAN
CAPTURE-DR
SHIFT-DR
EXIT1-DR
PAUSE-DR
EXIT2-DR
UPDATE-DR
1
1
0
0
10
RUN-TEST/
IDLE
1
TEST-LOGIC-
RESET
SELECT-
IR-SCAN
CAPTURE-IR
SHIFT-IR
EXIT1-IR
PAUSE-IR
EXIT2-IR
UPDATE-IR
1
1
0
10
00
0
0
1
0
1
1
1
0
1
1
0
0
0
0
1
11
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com