| Electronic Components Datasheet Search |
|
OR3C80 Datasheet(PDF) 88 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
OR3C80 Datasheet(HTML) 88 Page - Agere Systems |
|
88 / 210 page ![]() 88 88 Lucent Technologies Inc. Data Sheet June 1999 ORCA Series 3C and 3T FPGAs FPGA States of Operation (continued) Note: F = finished, no more CLKs required. 5-2761(F) Figure 51. Start-Up Waveforms Reconfiguration To reconfigure the FPGA when the device is operating in the system, a low pulse is input into PRGM. The con- figuration data in the FPGA is cleared, and the I/Os not used for configuration are 3-stated. The FPGA then samples the mode select inputs and begins reconfigu- ration. When reconfiguration is complete, DONE is released, allowing it to be pulled high. Partial Reconfiguration All ORCA device families have been designed to allow a partial reconfiguration of the FPGA at any time. This is done by setting a bit stream option in the previous configuration sequence that tells the FPGA to not reset all of the configuration RAM during a reconfiguration. Then only the configuration frames that are to be modi- fied need to be rewritten, thereby reducing the configu- ration time. Other bit stream options are also available that allow one portion of the FPGA to remain in operation while a partial reconfiguration is being done. If this is done, the user must be careful to not cause contention between the two configurations (the bit stream resident in the FPGA and the partial reconfiguration bit stream) as the second reconfiguration bit stream is being loaded. Other Configuration Options There are many other configuration options available to the user that can be set during bit stream generation in ORCA Foundry. These include options to enable boundary scan and/or the microprocessor interface (MPI) and/or the programmable clock manager (PCM), readback options, and options to control and use the internal oscillator after configuration. Other useful options that affect the next configuration (not the current configuration process) include options to disable the global set/reset during configuration, dis- able the 3-state of I/Os during configuration, and dis- able the reset of internal RAMs during configuration to allow for partial configurations (see above). For more information on how to set these and other configuration options, please see the ORCA Foundry documenta- tion. Di C1 C2 C3 C4 F C1 C2 C3 C4 C1 C2 C3 C4 C1, C2, C3, OR C4 Di + 1 Di Di + 2 Di + 3 Di + 4 Di + 1 Di Di + 2 Di + 3 Di + 4 CCLK_SYNC DONE IN U1 U2 U3 U4 F U1 U2 U3 U4 U1 U2 U3 U4 UCLK_NOSYNC Di + 1 Di Di + 2 Di + 3 Di + 4 Di + 1 Di + 2 Di + 3 UCLK_SYNC UCLK PERIOD SYNCHRONIZATION UNCERTAINTY DONE IN F C1 C1 U1, U2, U3, OR U4 DONE I/O GSRN ACTIVE DONE I/O GSRN ACTIVE DONE I/O GSRN ACTIVE DONE I/O GSRN ACTIVE UCLK F CCLK_NOSYNC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |