Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 15 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 15 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 11Page - Agere Systems OR3C80 Datasheet HTML 12Page - Agere Systems OR3C80 Datasheet HTML 13Page - Agere Systems OR3C80 Datasheet HTML 14Page - Agere Systems OR3C80 Datasheet HTML 15Page - Agere Systems OR3C80 Datasheet HTML 16Page - Agere Systems OR3C80 Datasheet HTML 17Page - Agere Systems OR3C80 Datasheet HTML 18Page - Agere Systems OR3C80 Datasheet HTML 19Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 210 page
background image
Lucent Technologies Inc.
15
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Programmable Logic Cells (continued)
Softwired LUT submode uses F4 and F5 LUTs and internal PFU feedback routing to generate complex logic func-
tions up to three LUT-levels deep. Figure 3 shows multiplexers between the KZ[3:0] inputs to the PFU and the
LUTs. These multiplexers can be independently configured to route certain LUT outputs to the input of other LUTs.
In this manner, very complex logic functions, some of up to 21 inputs, can be implemented in a single PFU at
greatly enhanced speeds.
Figure 5 shows several softwired LUT topologies. In this figure, each circle represents either an F4 or F5 LUT. It is
important to note that an LUT output that is fed back for softwired use is still available to be registered or output
from the PFU. This means, for instance, that a logic equation that is needed by itself and as a term in a larger
equation need only be generated once and PLC routing resources will not be required to use it in the larger equa-
tion.
Figure 5. Softwired LUT Topology Examples
5-5753(F)
F4
KEY:
F5
4-INPUT LUT
5-INPUT LUT
5-5754(F)
F4
F4
F4
F4
F4
F4
F4
F4
FOUR 7-INPUT FUNCTIONS IN ONE PFU
F5
F5
F5
F5
TWO 9-INPUT FUNCTIONS IN ONE PFU
F5
F5
F5
F5
ONE 17-INPUT FUNCTION IN ONE PFU
F5
F5
F4
ONE 21-INPUT FUNCTION IN ONE PFU
F4
F4
F4
F4
F4
F4
F4
TWO OF FOUR 10-INPUT FUNCTIONS IN ONE PFU
F4
F4
F4
F4
3
ONE OF TWO 12-INPUT FUNCTIONS IN ONE PFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com