Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 90 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 90 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 86Page - Agere Systems OR3C80 Datasheet HTML 87Page - Agere Systems OR3C80 Datasheet HTML 88Page - Agere Systems OR3C80 Datasheet HTML 89Page - Agere Systems OR3C80 Datasheet HTML 90Page - Agere Systems OR3C80 Datasheet HTML 91Page - Agere Systems OR3C80 Datasheet HTML 92Page - Agere Systems OR3C80 Datasheet HTML 93Page - Agere Systems OR3C80 Datasheet HTML 94Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 210 page
background image
90
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Configuration Data Format (continued)
5-5759(F)
Figure 52. Serial Configuration Data Format—Autoincrement Mode
5-5760(F)
Figure 53. Serial Configuration Data Format—Explicit Mode
Table 32. Configuration Frame Format and Contents
* In MPI configuration mode, the number of stop bits = 32.
Note: For slave parallel mode, the byte containing the preamble must be 11110010. The number of leading header dummy bits must
be (n * 8) + 4, where n is any nonnegative integer and the number of trailing dummy bits must be (n * 8), where n is any positive
integer. The number of stop bits/frame for slave parallel mode must be (x * 8), where x is a positive integer. Note also that the bit
stream generator tool supplies a bit stream that is compatible with all configuration modes, including slave parallel mode.
Header
11110010
Preamble
24-bit Length Count
Configuration frame length.
11111111
Trailing header—8 bits.
ID Frame
0101 1111 1111 1111
ID frame header.
Configuration Mode
00 = autoincrement, 01 = explicit.
Reserved [41:0]
Reserved bits set to 0.
ID
20-bit part ID.
Checksum
8-bit checksum.
11111111
Eight stop bits (high) to separate frames.
Configuration
Data
Frame
(repeated for each
data frame)
01
Data frame header.
Data Bits
Number of data bits depends upon device.
Alignment Bits = 0
String of 0 bits added to bit stream to make frame header, plus data
bits reach a byte boundary.
Checksum
8-bit checksum.
11111111
Eight stop bits (high) to separate frames.
Configuration
Address
Frame
00
Address frame header.
14 Address Bits
14-bit address of location to start data storage.
Checksum
8-bit checksum.
11111111
Eight stop bits (high) to separate frames.
Postamble
00
Postamble header.
11111111 111111
Dummy address.
1111111111111111
16 stop bits.*
CONFIGURATION DATA
CONFIGURATION DATA
1 0
01
01
PREAMBLE LENGTH
ID FRAME
CONFIGURATION
CONFIGURATION
POSTAMBLE
CONFIGURATION HEADER
00
00
COUNT
DATA FRAME 1
DATA FRAME 2
PREAMBLE LENGTH
ID FRAME
CONFIGURATION
CONFIGURATION
POSTAMBLE
CONFIGURATION HEADER
ADDRESS
ADDRESS
00
COUNT
DATA FRAME 1
DATA FRAME 2
FRAME 2
FRAME 1
CONFIGURATION DATA
CONFIGURATION DATA
10
0 1
0 1
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com