Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 58 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 58 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 54Page - Agere Systems OR3C80 Datasheet HTML 55Page - Agere Systems OR3C80 Datasheet HTML 56Page - Agere Systems OR3C80 Datasheet HTML 57Page - Agere Systems OR3C80 Datasheet HTML 58Page - Agere Systems OR3C80 Datasheet HTML 59Page - Agere Systems OR3C80 Datasheet HTML 60Page - Agere Systems OR3C80 Datasheet HTML 61Page - Agere Systems OR3C80 Datasheet HTML 62Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 210 page
background image
58
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Special Function Blocks (continued)
5-6765(F)
Figure 37. Boundary-Scan Interface
D[7:0]
INTR
MICRO-
PROCESSOR
D[7:0]
CE
RA
R/W
DAV
INT
SP
TMS0
TCK
TDI
TDO
TDI
TMS
TCK
TDO
ORCA
SERIES
FPGA
TDI
ORCA
SERIES
FPGA
TMS
TCK
TDO
TDI
TMS
TCK
TDO
ORCA
SERIES
FPGA
LUCENT
BOUNDARY-
SCAN
MASTER
(BSM)
(DUT)
(DUT)
(DUT)
The boundary-scan support circuit shown in Figure 37
is the 497AA Boundary-Scan Master (BSM). The BSM
off-loads tasks from the test host to increase test
throughput. To interface between the test host and the
DUTs, the BSM has a general microprocessor interface
and provides parallel-to-serial/serial-to-parallel conver-
sion, as well as three 8K data buffers. The BSM also
increases test throughput with a dedicated automatic
test-pattern generator and with compression of the test
response with a signature analysis register. The PC-
based boundary-scan test card/software allows a user
to quickly prototype a boundary-scan test setup.
Boundary-Scan Instructions
The
ORCA Series boundary-scan circuitry is used for
three mandatory
IEEE 1149.1/D1 tests (EXTEST,
SAMPLE/PRELOAD, BYPASS), the optional
IEEE
1149.1/D1 IDCODE instruction, and five
ORCA-defined
instructions. The 3-bit wide instruction register sup-
ports the nine instructions listed in Table 13, where the
use of PSR1 or USERCODE is selectable by a bit
stream option.
Table 13. Boundary-Scan Instructions
Code
Instruction
000
EXTEST
001
PLC Scan Ring 1 (PSR1)/USERCODE
010
RAM Write (RAM_W)
011
IDCODE
100
SAMPLE/PRELOAD
101
PLC Scan Ring 2 (PSR2)
110
RAM Read (RAM_R)
111
BYPASS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com