Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 25 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 25 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 21Page - Agere Systems OR3C80 Datasheet HTML 22Page - Agere Systems OR3C80 Datasheet HTML 23Page - Agere Systems OR3C80 Datasheet HTML 24Page - Agere Systems OR3C80 Datasheet HTML 25Page - Agere Systems OR3C80 Datasheet HTML 26Page - Agere Systems OR3C80 Datasheet HTML 27Page - Agere Systems OR3C80 Datasheet HTML 28Page - Agere Systems OR3C80 Datasheet HTML 29Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 210 page
background image
Lucent Technologies Inc.
25
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Programmable Logic Cells (continued)
PLC Latches/Flip-Flops
The eight general-purpose latches/FFs in the PFU can
be used in a variety of configurations. In some cases,
the configuration options apply to all eight latches/FFs in
the PFU and
some apply to the latches/FFs on a nibble-
wide basis where the ninth FF is considered indepen-
dently. For other options, each latch/FF is independently
programmable. In addition, the ninth FF can be used for
a variety of functions.
Table 7 summarizes these latch/FF options. The
latches/FFs can be configured as either positive- or
negative-level sensitive latches, or positive or negative
edge-triggered flip-flops (the ninth register can only be
FF). All latches/FFs in a given PFU share the same
clock, and the clock to these latches/FFs can be
inverted. The input into each latch/FF is from either the
corresponding LUT output (F[7:0]) or the direct data
input (DIN[7:0]). The latch/FF input can also be tied to
logic 1 or to logic 0, which is the default.
* Not available for FF[8].
The eight latches/FFs in a PFU share the clock (CLK)
and options for clock enable (CE), local set/reset (LSR),
and front-end data select (SEL) inputs. When CE is dis-
abled, each latch/FF retains its previous value when
clocked. The clock enable, LSR, and SEL inputs can be
inverted to be active-low.
The set/reset operation of the latch/FF is controlled by
two parameters: reset mode and set/reset value. When
the global set/reset (
GSRN) and local set/reset (LSR)
signals are not asserted, the latch/FF operates normally.
The reset mode is used to select a synchronous or
asynchronous LSR operation. If synchronous, LSR has
the option to be enabled only if clock enable (CE or
ASWE) is active or for LSR to have priority over the
clock enable input, thereby setting/resetting the FF inde-
pendent of the state of the clock enable. The clock
enable is supported on FFs, not latches. It is imple-
mented by using a 2-input multiplexer on the FF input,
with one input being the previous state of the FF and the
other input being the new data applied to the FF. The
select of this 2-input multiplexer is clock enable (CE or
ASWE), which selects either the new data or the previ-
ous state. When the clock enable is inactive, the FF out-
put does not change when the clock edge arrives.
Table 7. Configuration RAM Controlled Latch/
Flip-Flop Operation
Function
Options
Common to All Latches/FFs in PFU
LSR Operation
Asynchronous or synchronous
Clock Polarity
Noninverted or inverted
Front-end Select*
Direct (DIN[7:0])or from LUT (F[7:0])
LSR Priority
Either LSR or CE has priority
Latch/FF Mode
Latch or flip-flop
Enable GSRN
GSRN enabled or has no effect on
PFU latches/FFs
Set Individually in Each Latch/FF in PFU
Set/Reset Mode
Set or reset
By Group (Latch/FF[3:0], Latch/FF[7:4], and FF[8])
Clock Enable
CE or ASWE or none
LSR Control
LSR or none



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com