Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 18 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 18 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 14Page - Agere Systems OR3C80 Datasheet HTML 15Page - Agere Systems OR3C80 Datasheet HTML 16Page - Agere Systems OR3C80 Datasheet HTML 17Page - Agere Systems OR3C80 Datasheet HTML 18Page - Agere Systems OR3C80 Datasheet HTML 19Page - Agere Systems OR3C80 Datasheet HTML 20Page - Agere Systems OR3C80 Datasheet HTML 21Page - Agere Systems OR3C80 Datasheet HTML 22Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 210 page
background image
18
18
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Programmable Logic Cells (continued)
In the third submode, multiplier submode, a single
PFU can affect an 8 x 1 bit (4 x 1 for half-ripple mode)
multiply and sum with a partial product (see Figure 8).
The multiplier bit is input at ASWE, and the multiplicand
bits are input at KZ[1], where K7[1] is the most signifi-
cant bit (MSB). KZ[0] contains the partial product (or
other input to be summed) from a previous stage. If
ASWE is logical 1, the multiplicand is added to the par-
tial product. If ASWE is logical 0, 0 is added to the par-
tial product, which is the same as passing the partial
product. CIN/FCIN can bring the carry-in from the less
significant PFUs if the multiplicand is wider than 8 bits,
and COUT/FCOUT holds any carry-out from the multi-
plication, which may then be used as part of the prod-
uct or routed to another PFU in multiplier mode for
multiplicand width expansion.
Ripple mode’s fourth submode features equality
comparators. The functions that are explicitly available
are A
> B, A
≠ B, and A < B, where the value for A is
input on KZ[0], and the value for B is input on KZ[1]. A
value of 1 on the carry-out signals valid argument. For
example, a carry-out equal to 1 in AB submode indi-
cates that the value on KZ[0] is greater than or equal to
the value on KZ[1]. Conversely, the functions A < B, A +
B, and A > B are available using the same functions but
with a 0 output expected. For example, A
> B with a 0
output indicates A < B. Table 5 shows each function
and the output expected.
If larger than 8 bits, the carry-out signal can be cas-
caded using fast-carry logic to the carry-in of any adja-
cent PFU. The use of this submode could be shown
using Figure 6, except that the CIN/FCIN input for the
least significant PFU is controlled via configuration.
Key: C = configuration data.
Figure 8. Multiplier Submode
Table 5. Ripple Mode Equality Comparator
Functions and Outputs
Equality
Function
ORCA Foundry
Submode
True, if
Carry-Out Is:
A
> BA > B1
A
< BA < B1
A
≠ BA ≠ B1
A < B
A
> B0
A > B
A
< B0
A = B
A
≠ B0
5-5757(F)
K7[1]
K7[0]
+
D Q
C
C
DQ
1
0
0
K7
ASWE
K4[1]
K4[0]
+
D Q
1
0
0
K4
K3[1]
K3[0]
+
D Q
1
0
0
K3
K2[1]
K2[0]
+
D Q
1
0
0
K2
K1[1]
K1[0]
+
D Q
1
0
0
K1
K6[1]
K6[0]
+
D Q
1
0
0
K6
K5[1]
K5[0]
+
D Q
1
0
0
K5
K0[1]
K0[0]
+
D Q
1
0
0
K0
F7
Q7
REGCOUT
COUT
F6
Q6
F4
Q4
F3
Q3
F2
Q2
F1
Q1
F5
Q5
F0
Q0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com