Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 68 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 68 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 64Page - Agere Systems OR3C80 Datasheet HTML 65Page - Agere Systems OR3C80 Datasheet HTML 66Page - Agere Systems OR3C80 Datasheet HTML 67Page - Agere Systems OR3C80 Datasheet HTML 68Page - Agere Systems OR3C80 Datasheet HTML 69Page - Agere Systems OR3C80 Datasheet HTML 70Page - Agere Systems OR3C80 Datasheet HTML 71Page - Agere Systems OR3C80 Datasheet HTML 72Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 210 page
background image
68
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Microprocessor Interface (MPI) (continued)
MPI Setup and Control
The MPI has a series of addressable registers that provide MPI control and status, configuration and readback data
transfer, FPGA device identification, and a dedicated user scratchpad register. All registers are 8 bits wide. The
address map for these registers and the user-logic address space are shown in Table 19, followed by descriptions
of the register and bit functions. Note that for all registers, the most significant bit is bit 7, and the least significant bit
is bit 0.
Table 19. MPI Setup and Control Registers
Control Register 1
The MPI control register 1 is a read/write register. The host processor writes a control byte to configure the MPI. It
is readable by the host processor to verify the status of control bits previously written.
Table 20. MPI Setup and Control Registers Descriptions
Address
(Hex)
Register
00
Control Register 1.
01
Control Register 2.
02
Scratchpad Register.
03
Status Register.
04
Configuration/Readback Data Register.
05
Readback Address Register 1 (bits [7:0]).
06
Readback Address Register 2 (bits [15:8]).
07
Device ID Register 1 (bits [7:0]).
08
Device ID Register 2 (bits [15:8]).
09
Device ID Register 3 (bits [23:16]).
0A
Device ID Register 4 (bits [31:24]).
0B—0F
Reserved.
10—1F
User-definable Address Space.
Bit #
Description
Bit 0
GSR Input. Setting this bit to a 1 invokes a global set/reset on the FPGA. The host processor must
return this bit to a 0 to remove the GSR signal. GSR does not affect the registers at MPI addresses 0
through F hexadecimal or any configuration registers. Default state = 0.
Bit 1
Reserved.
Bit 2
Reserved.
Bit 3
Reserved.
Bit 4
Reserved.
Bit 5
RD_CFG
Input. Changing this bit to a 0 after configuration will initiate readback. The host processor
must return this bit to a 1 to remove the RD_CFG signal. Since this bit works exactly like the RD_CFG
input pin, please see the FPGA pin descriptions for more information on this signal. Default state = 1.
Bit 6
Reserved.
Bit 7
PRGM
Input. Setting this bit to a 0 causes the FPGA to begin configuration and resets the boundary-
scan circuitry. The host processor must return this bit to a 1 to remove the PRGM signal. Since this bit
works exactly like the PRGM input pin (except that it does not reset the MPI), please see the FPGA pin
descriptions for more information on this signal. Default state = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com