Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 97 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 97 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 93Page - Agere Systems OR3C80 Datasheet HTML 94Page - Agere Systems OR3C80 Datasheet HTML 95Page - Agere Systems OR3C80 Datasheet HTML 96Page - Agere Systems OR3C80 Datasheet HTML 97Page - Agere Systems OR3C80 Datasheet HTML 98Page - Agere Systems OR3C80 Datasheet HTML 99Page - Agere Systems OR3C80 Datasheet HTML 100Page - Agere Systems OR3C80 Datasheet HTML 101Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 210 page
background image
Lucent Technologies Inc.
97
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
FPGA Configuration Modes (continued)
Slave Serial Mode
The slave serial mode is primarily used when multiple
FPGAs are configured in a daisy-chain (see the Daisy-
Chaining section). It is also used on the FPGA evalua-
tion board that interfaces to the download cable. A
device in the slave serial mode can be used as the lead
device in a daisy-chain. Figure 61 shows the connec-
tions for the slave serial configuration mode.
The configuration data is provided into the FPGA’s DIN
input synchronous with the configuration clock CCLK
input. After the FPGA has loaded its configuration data,
it retransmits the incoming configuration data on
DOUT. CCLK is routed into all slave serial mode
devices in parallel.
Multiple slave FPGAs can be loaded with identical con-
figurations simultaneously. This is done by loading the
configuration data into the DIN inputs in parallel.
5-4485(F)
Figure 61. Slave Serial Configuration Schematic
Slave Parallel Mode
The slave parallel mode is essentially the same as the
slave serial mode except that 8 bits of data are input on
pins D[7:0] for each CCLK cycle. Due to 8 bits of data
being input per CCLK cycle, the DOUT pin does not
contain a valid bit stream for slave parallel mode. As a
result, the lead device cannot be used in the slave
parallel mode in a daisy-chain configuration.
Figure 62 is a schematic of the connections for the
slave parallel configuration mode. WR and CS0 are
active-low chip select signals, and CS1 is an active-
high chip select signal. These chip selects allow the
user to configure multiple FPGAs in slave parallel
mode using an 8-bit data bus common to all of the
FPGAs. These chip selects can then be used to select
the FPGA(s) to be configured with a given bit stream.
The chip selects must be active for each valid CCLK
cycle until the device has been completely pro-
grammed. They can be inactive between cycles but
must meet the setup and hold times for each valid pos-
itive CCLK. D[7:0] of the FPGA can be connected to
D[7:0] of the microprocessor only if a standard prom
file format is used. If a .bit or .rbt file is used from
ORCA Foundry, then the user must mirror the bytes in
the .bit or .rbt file OR leave the .bit or .rbt file
unchanged and connect D[7:0] of the FPGA to D[0:7]
of the microprocessor.
5-4487(F)
Figure 62. Slave Parallel Configuration Schematic
MICRO-
PROCESSOR
OR
DOWNLOAD
CABLE
M2
M1
M0
HDC
SERIES
FPGA
LDC
VDD
CCLK
PRGM
DOUT
TO DAISY-
CHAINED
DEVICES
DONE
DIN
INIT
ORCA
MICRO-
PROCESSOR
OR
SYSTEM
D[7:0]
DONE
CCLK
CS1
M2
M1
M0
HDC
LDC
8
VDD
INIT
PRGM
CS0
WR
SERIES
FPGA
ORCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com