Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 103 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 103 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 99Page - Agere Systems OR3C80 Datasheet HTML 100Page - Agere Systems OR3C80 Datasheet HTML 101Page - Agere Systems OR3C80 Datasheet HTML 102Page - Agere Systems OR3C80 Datasheet HTML 103Page - Agere Systems OR3C80 Datasheet HTML 104Page - Agere Systems OR3C80 Datasheet HTML 105Page - Agere Systems OR3C80 Datasheet HTML 106Page - Agere Systems OR3C80 Datasheet HTML 107Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 210 page
background image
Lucent Technologies Inc.
103
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics
Description
To define speed grades, the
ORCA Series part number
designation (see Ordering Information) uses a single-
digit number to designate a speed grade. This number
is not related to any single ac parameter. Higher num-
bers indicate a faster set of timing parameters. The
actual speed sorting is based on testing the delay in a
path consisting of an input buffer, combinatorial delay
through all PLCs in a row, and an output buffer. Other
tests are then done to verify other delay parameters,
such as routing delays, setup times to FFs, etc.
The most accurate timing characteristics are reported
by the timing analyzer in the
ORCA Foundry Develop-
ment System. A timing report provided by the develop-
ment system after layout divides path delays into logic
and routing delays. The timing analyzer can also pro-
vide logic delays prior to layout. While this allows rout-
ing budget estimates, there is wide variance in routing
delays associated with different layouts.
The logic timing parameters noted in the Electrical
Characteristics section of this data sheet are the same
as those in the design tools. In the PFU timing given in
Table 41—Table 48, symbol names are generally a
concatenation of the PFU operating mode (as defined
in Table 3) and the parameter type. The setup, hold,
and propagation delay parameters, defined below, are
designated in the symbol name by the SET, HLD, and
DEL characters, respectively.
The values given for the parameters are the same as
those used during production testing and speed bin-
ning of the devices. The junction temperature and sup-
ply voltage used to characterize the devices are listed
in the delay tables. Actual delays at nominal tempera-
ture and voltage for best-case processes can be much
better than the values given.
It should be noted that the junction temperature used in
the tables is generally 85 °C. The junction temperature
for the FPGA depends on the power dissipated by the
device, the package thermal characteristics (
ΘJA), and
the ambient temperature, as calculated in the following
equation and as discussed further in the Package
Thermal Characteristics section:
TJmax = TAmax + (P •
ΘJA) °C
Note: The user must determine this junction tempera-
ture to see if the delays from
ORCA Foundry
should be derated based on the following derat-
ing tables.
Table 38 and Table 39 provide approximate power sup-
ply and junction temperature derating for OR3Cxx com-
mercial and industrial devices. Table 40 provides the
same information for the OR3Txxx devices (both com-
mercial and industrial). The delay values in this data
sheet and reported by
ORCA Foundry are shown as
1.00 in the tables. The method for determining the
maximum junction temperature is defined in the Pack-
age Thermal Characteristics section. Taken cumula-
tively, the range of parameter values for best-case vs.
worst-case processing, supply voltage, and junction
temperature can approach 3 to 1.
Table 38. Derating for Commercial Devices
(OR3Cxx)
Table 39. Derating for Industrial Devices (OR3Cxx)
Table 40. Derating for Commercial/Industrial
Devices (OR3Txxx)
Note: The derating tables shown above are for a typical critical path
that contains 33% logic delay and 66% routing delay. Since the
routing delay derates at a higher rate than the logic delay, paths
with more than 66% routing delay will derate at a higher rate
than shown in the table. The approximate derating values vs.
temperature are 0.26% per °C for logic delay and 0.45% per °C
for routing delay. The approximate derating values vs. voltage
are 0.13% per mV for both logic and routing delays at 25 °C.
TJ
(°C)
Power Supply Voltage
4.75 V
5.0 V
5.25 V
0
0.81
0.79
0.77
25
0.85
0.83
0.81
85
1.00
0.97
0.95
100
1.05
1.02
1.00
125
1.12
1.09
1.07
TJ
(°C)
Power Supply Voltage
4.5 V
4.75 V
5.0 V
5.25 V
5.5 V
–40
0.71
0.70
0.68
0.66
0.65
0
0.80
0.78
0.76
0.74
0.73
25
0.84
0.82
0.80
0.78
0.77
85
1.00
0.97
0.94
0.93
0.91
100
1.05
1.01
0.99
0.97
0.95
125
1.12
1.09
1.06
1.04
1.02
TJ
(°C)
Power Supply Voltage
3.0 V
3.3 V
3.6 V
–40
0.73
0.66
0.61
0
0.82
0.73
0.68
25
0.87
0.78
0.72
85
1.00
0.90
0.83
100
1.04
0.94
0.87
125
1.10
1.00
0.92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com