Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 106 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 106 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 102Page - Agere Systems OR3C80 Datasheet HTML 103Page - Agere Systems OR3C80 Datasheet HTML 104Page - Agere Systems OR3C80 Datasheet HTML 105Page - Agere Systems OR3C80 Datasheet HTML 106Page - Agere Systems OR3C80 Datasheet HTML 107Page - Agere Systems OR3C80 Datasheet HTML 108Page - Agere Systems OR3C80 Datasheet HTML 109Page - Agere Systems OR3C80 Datasheet HTML 110Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 210 page
background image
106
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
Table 42. Sequential PFU Timing Characteristics
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C < TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C < TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
Parameter
Symbol
Speed
Unit
-4
-5
-6
-7
Min Max
Min Max Min Max Min Max
Input Requirements
Clock Low Time
CLKL_MPW
3.36
—
2.07
—
0.94
—0.72—
ns
Clock High Time
CLKH_MPW
1.61
—
1.06
—
0.54
—0.45—
ns
Global S/R Pulse Width (GSRN)
GSR_MPW
3.36
—
2.07
—
0.94
—0.72—
ns
Local S/R Pulse Width
LSR_MPW
3.36
—
2.07
—
0.94
—0.72—
ns
Combinatorial Setup Times (TJ = +85 °C, VDD = min):
Four-input Variables to Clock (Kz[3:0] to CLK)*
Five-input Variables to Clock (F5[A:D] to CLK)
Data In to Clock (DIN[7:0] to CLK)
Carry-in to Clock, DIRECT to REGCOUT (CIN to CLK)
Clock Enable to Clock (CE to CLK)
Clock Enable to Clock (ASWE to CLK)
Local Set/Reset to Clock (SYNC) (LSR to CLK)
Data Select to Clock (SEL to CLK)
Two-level LUT to Clock (Kz[3:0] to CLK w/feedbk)*
Two-level LUT to Clock (F5[A:D] to CLK w/feedbk)
Three-level LUT to Clock (Kz[3:0] to CLK w/feedbk)*
Three-level LUT to Clock (F5[A:D] to CLK w/feedbk)
F4_SET
F5_SET
DIN_SET
CINDIR_SET
CE1_SET
CE2_SET
LSR_SET
SEL_SET
SWL2_SET
SWL2F5_SET
SWL3_SET
SWL3F5_SET
1.99
1.79
0.47
1.25
2.86
1.68
1.86
1.37
3.98
4.06
6.49
6.39
—
—
—
—
—
—
—
—
—
—
—
—
1.47
1.33
0.32
0.99
2.15
1.30
1.36
1.00
2.99
2.97
4.81
4.73
—
—
—
—
—
—
—
—
—
—
—
—
1.08
1.03
0.18
0.71
1.80
0.95
0.86
0.92
2.13
2.29
3.42
3.34
—
—
—
—
—
—
—
—
—
—
—
—
0.85
0.81
0.16
0.58
1.37
0.77
0.68
0.70
1.63
1.68
2.64
2.57
—
—
—
—
—
—
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Combinatorial Hold Times (TJ = all, VDD = all):
Data In (DIN[7:0] from CLK)
Carry-in from Clock, DIRECT to REGCOUT (CIN from
CLK)
Clock Enable (CE from CLK)
Clock Enable from Clock (ASWE from CLK)
Local Set/Reset from Clock (sync) (LSR from CLK)
Data Select from Clock (SEL from CLK)
All Others
DIN_HLD
CINDIR_HLD
CE1_HLD
CE2_HLD
LSR_HLD
SEL_HLD
—
0.00
0.00
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
—
—
0.00
0.00
0.00
0.00
0.00
0.00
0.00
—
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
ns
Output Characteristics
Sequential Delays (TJ = +85 °C, VDD = min):
Local S/R (async) to PFU Out (LSR to Q[7:0], REG-
COUT)
Global S/R to PFU Out (GSRN to Q[7:0], REGCOUT)
Clock to PFU Out—Register (CLK to Q[7:0], REG-
COUT)
Clock to PFU Out—Latch (CLK to Q[7:0])
Transparent Latch (DIN[7:0] to Q[7:0])
LSR_DEL
GSR_DEL
REG_DEL
LTCH_DEL
LTCHD_DEL
—
—
—
—
—
7.02
5.21
2.38
2.51
2.73
—
—
—
—
—
5.29
3.90
1.75
1.88
2.10
—
—
—
—
—
3.64
2.55
1.26
1.21
1.38
—
—
—
—
—
2.90
2.00
0.97
0.96
1.12
ns
ns
ns
ns
ns
* Four-input variables’ (KZ[3:0]) setup times are valid for LUTs in both F4 (four-input LUT) and F5 (five-input LUT) modes.
Note: The table shows worst-case delays. ORCA Foundry reports the delays for individual paths within a group of paths representing the same
timing parameter and may accurately report delays that are less than those listed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com