Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 102 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 102 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 98Page - Agere Systems OR3C80 Datasheet HTML 99Page - Agere Systems OR3C80 Datasheet HTML 100Page - Agere Systems OR3C80 Datasheet HTML 101Page - Agere Systems OR3C80 Datasheet HTML 102Page - Agere Systems OR3C80 Datasheet HTML 103Page - Agere Systems OR3C80 Datasheet HTML 104Page - Agere Systems OR3C80 Datasheet HTML 105Page - Agere Systems OR3C80 Datasheet HTML 106Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 210 page
background image
102
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Electrical Characteristics (continued)
Table 37. Electrical Characteristics (continued)
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C < TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C < TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
* On the OR3Txxx devices, the pull-up resistor will externally pull the pin to a level 1.0 V below VDD.
Note: For 3T devices driven to 5 V.
Parameter
Symbol
Test Conditions
OR3Cxx
OR3Txxx
Unit
Min
Max
Min
Max
DONE Pull-up
Resistor*
RDONE
—
100
—
100
—
k
Ω
M[3:0] Pull-up
Resistors*
RM
—
100
—
100
—
k
Ω
I/O Pad Static Pull-up
Current*
IPU
OR3Cxx (VDD = 5.25 V,
VIN = VSS, TA = 0 °C)
OR3Txxx (VDD = 3.6 V,
VIN = VSS, TA = 0 °C)
14.4
50.9
14.4
50.9
µA
I/O Pad Static
Pull-down Current
IPD
OR3Cxx (VDD = 5.25 V,
VIN = VSS, TA = 0 °C)
OR3Txxx (VDD = 3.6 V,
VIN = VSS, TA = 0 °C)
26
103
26
103
µA
I/O Pad Pull-up
Resistor*
RPU
VDD = all, VIN = VSS, TA = 0 °C
100
—
100
—
k
Ω
I/O Pad Pull-down
Resistor
RPD
VDD = all, VIN = VDD, TA = 0 °C
50
—
50
—
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com