Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 52 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 48Page - Analog Devices ADSP-BF607 Datasheet HTML 49Page - Analog Devices ADSP-BF607 Datasheet HTML 50Page - Analog Devices ADSP-BF607 Datasheet HTML 51Page - Analog Devices ADSP-BF607 Datasheet HTML 52Page - Analog Devices ADSP-BF607 Datasheet HTML 53Page - Analog Devices ADSP-BF607 Datasheet HTML 54Page - Analog Devices ADSP-BF607 Datasheet HTML 55Page - Analog Devices ADSP-BF607 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 112 page
background image
Rev. 0
|
Page 52 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
SPECIFICATIONS
For information about product specifications please contact
your ADI representative.
OPERATING CONDITIONS
Parameter
Conditions
Min
Nominal
Max
Unit
VDD_INT
Internal Supply Voltage
CCLK ≤ 500 MHz
1.19
1.25
1.32
V
VDD_EXT
1
1 Must remain powered (even if the associated function is not used).
External Supply Voltage
1.7
1.8
1.9
V
VDD_EXT
1
External Supply Voltage
3.13
3.3
3.47
V
VDD_DMC
DDR2/LPDDR Supply Voltage
1.7
1.8
1.9
V
VDD_USB
2
2 If not used, connect to 1.8 V or 3.3 V.
USB Supply Voltage
3.13
3.3
3.47
V
VDD_TD
Thermal Diode Supply Voltage
3.13
3.3
3.47
V
VIH
3
3 Parameter value applies to all input and bidirectional signals except TWI signals, DMC0 signals and USB0 signals.
High Level Input Voltage
VDD_EXT = 3.47 V
2.1
V
VIH
3
High Level Input Voltage
VDD_EXT = 1.9 V
0.7 × VDD_EXT
V
VIHTWI
4, 5
4 Parameter applies to TWI signals.
5 TWI signals are pulled up to VBUSTWI. See Table 16.
High Level Input Voltage
VDD_EXT = Maximum
0.7 × VVBUSTWI
VVBUSTWI
V
VIH_DDR2
6, 7
6 Parameter applies to DMC0 signals in DDR2 mode.
7 VDDR_REF is the voltage applied to pin VREF_DMC, nominally VDD_DMC/2.
VDD_DMC = 1.9 V
VDDR_REF + 0.25
V
VIH_LPDDR
8
8 Parameter applies to DMC0 signals in LPDDR mode.
VDD_DMC = 1.9 V
0.8 × VDD_DMC
V
VID_DDR2
9
9 Parameter applies to signals DMC0_CK, DMC0_CK, DMC0_LDQS, DMC0_LDQS, DMC0_UDQS, DMC0_UDQS when used in DDR2 differential input mode.
Differential Input Voltage
VIX = 1.075 V
0.50
V
VID_DDR2
9
Differential Input Voltage
VIX = 0.725 V
0.55
V
VIL
3
Low Level Input Voltage
VDD_EXT = 3.13 V
0.8
V
VIL
3
Low Level Input Voltage
VDD_EXT = 1.7 V
0.3 × VDD_EXT
V
VILTWI
4, 5
Low Level Input Voltage
VDD_EXT = Minimum
0.3 × VVBUSTWI
V
VIL_DDR2
6, 7
VDD_DMC = 1.7 V
VDDR_REF – 0.25
V
VIL_LPDDR
8
VDD_DMC = 1.7 V
0.2 × VDD_DMC
V
TJ
Junction Temperature
TAMBIENT = –40°C to +85°C
–40
+105
°C
TJ
Junction Temperature
TAMBIENT = –40°C to +105°C
–40
+125
°C
Table 16. TWI_VSEL Selections and VDD_EXT/VBUSTWI
VDD_EXT Nominal
VBUSTWI Min
VBUSTWI Nom
VBUSTWI Max
Unit
TWI0001
1 Designs must comply with the VDD_EXT and VBUSTWI voltages specified for the default TWI_DT setting for correct JTAG boundary scan operation during reset.
3.300
3.135
3.300
3.465
V
TWI001
1.800
1.700
1.800
1.900
V
TWI011
1.800
3.135
3.300
3.465
V
TWI100
3.300
4.750
5.000
5.250
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com