Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 66 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 62Page - Analog Devices ADSP-BF607 Datasheet HTML 63Page - Analog Devices ADSP-BF607 Datasheet HTML 64Page - Analog Devices ADSP-BF607 Datasheet HTML 65Page - Analog Devices ADSP-BF607 Datasheet HTML 66Page - Analog Devices ADSP-BF607 Datasheet HTML 67Page - Analog Devices ADSP-BF607 Datasheet HTML 68Page - Analog Devices ADSP-BF607 Datasheet HTML 69Page - Analog Devices ADSP-BF607 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 112 page
background image
Rev. 0
|
Page 66 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
Asynchronous Flash Write
All Accesses
Table 33. Asynchronous Flash Write
VDD_EXT
1.8V/3.3V Nominal
Parameter
Min
Max
Unit
Switching Characteristics
tAMSADV
SMC0_Ax/SMC0_AMSx Assertion Before ADV Low1
PREST × tSCLK0 – 2
ns
tDADVAWE
SMC0_AWE Low Delay From ADV High2
PREAT × tSCLK0 – 2
ns
tWADV
NR_ADV Active Low Width3
WST × tSCLK0 – 2
ns
tHAWE
Output4 Hold After SMC0_AWE High5
WHT × tSCLK0 – 2
ns
tWAWE
6
SMC0_AWE Active Low Width7
WAT × tSCLK0 – 2
ns
1 PREST value set using the SMC_BxETIM.PREST bits.
2 PREAT value set using the SMC_BxETIM.PREAT bits.
3 WST value set using the SMC_BxTIM.WST bits.
4 Output signals are DATA, SMC0_Ax, SMC0_AMSx, SMC0_ABEx.
5 WHT value set using the SMC_BxTIM.WHT bits.
6 SMC_BxCTL.ARDYEN bit = 0.
7 WAT value set using the SMC_BxTIM.WAT bits.
Figure 17. Asynchronous Flash Write
NR_CE
(SMC0_AMSx)
NR_WE
(
SMC0_AWE)
NOR_A 25-1
(SMC0_Ax)
NR_ADV
(SMC0_AOE)
tAMSADV
tDADVAWE
NR_DQ 15-0
(SMC0_Dx)
tWADV
tWAWE
tHAWE
Table 34. All Accesses
VDD_EXT
1.8V/3.3V Nominal
Parameter
Min
Max
Unit
Switching Characteristic
tTURN
SMC0_AMSx Inactive Width
(IT + TT) × tSCLK0 – 2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com