Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 77 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 77 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 73Page - Analog Devices ADSP-BF607 Datasheet HTML 74Page - Analog Devices ADSP-BF607 Datasheet HTML 75Page - Analog Devices ADSP-BF607 Datasheet HTML 76Page - Analog Devices ADSP-BF607 Datasheet HTML 77Page - Analog Devices ADSP-BF607 Datasheet HTML 78Page - Analog Devices ADSP-BF607 Datasheet HTML 79Page - Analog Devices ADSP-BF607 Datasheet HTML 80Page - Analog Devices ADSP-BF607 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 112 page
background image
Rev. 0
|
Page 77 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
Serial Ports
To determine whether communication is possible between two
devices at clock speed n, the following specifications must be
confirmed: 1) frame sync delay and frame sync setup and hold,
2) data delay and data setup and hold, and 3) serial clock 
(SPT_CLK) width. In Figure 31 either the rising edge or the fall-
ing edge of SPT_CLK (external or internal) can be used as the
active sampling edge.
Table 46. Serial Ports—External Clock
VDD_EXT
1.8V Nominal
VDD_EXT
3.3V Nominal
Parameter
Min
Max
Min
Max
Unit
Timing Requirements
tSFSE
Frame Sync Setup Before SPT_CLK
(Externally Generated Frame Sync in either
Transmit or Receive Mode)1
22
ns
tHFSE
Frame Sync Hold After SPT_CLK
(Externally Generated Frame Sync in either
Transmit or Receive Mode)
1
2.7
2.7
ns
tSDRE
Receive Data Setup Before Receive SPT_CLK
1
22
ns
tHDRE
Receive Data Hold After SPT_CLK1
2.7
2.7
ns
tSCLKW
SPT_CLK Width for External SPT_CLK Data/FS
Receive
2
[0.5 × tSCLK1 – 0.5] or [5.5]
[0.5 × tSCLK1 – 0.5] or [5.5]
ns
SPT_CLK Width for External SPT_CLK Data/FS
Transmit
2
[0.5 × tSCLK1 – 0.5] or [8]
[0.5 × tSCLK1 – 0.5] or [8]
ns
tSPTCLK
SPT_CLK Period for External SPT_CLK Data/FS
Receive
2
[tSCLK1 – 1] or [12]
[tSCLK1 – 1] or [12]
ns
SPT_CLK Period for External SPT_CLK Data/FS
Transmit2
[tSCLK1 – 1] or [17]
[tSCLK1 – 1] or [17]
ns
Switching Characteristics
tDFSE
Frame Sync Delay After SPT_CLK
(Internally Generated Frame Sync in either
Transmit or Receive Mode)
3
19.3
14.5
ns
tHOFSE
Frame Sync Hold After SPT_CLK
(Internally Generated Frame Sync in either
Transmit or Receive Mode)3
22
ns
tDDTE
Transmit Data Delay After Transmit SPT_CLK
3
18.8
14
ns
tHDTE
Transmit Data Hold After Transmit SPT_CLK
3
22
ns
1 Referenced to sample edge.
2 Whichever is greater.
3 Referenced to drive edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com