Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 55 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 51Page - Analog Devices ADSP-BF607 Datasheet HTML 52Page - Analog Devices ADSP-BF607 Datasheet HTML 53Page - Analog Devices ADSP-BF607 Datasheet HTML 54Page - Analog Devices ADSP-BF607 Datasheet HTML 55Page - Analog Devices ADSP-BF607 Datasheet HTML 56Page - Analog Devices ADSP-BF607 Datasheet HTML 57Page - Analog Devices ADSP-BF607 Datasheet HTML 58Page - Analog Devices ADSP-BF607 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 112 page
background image
Rev. 0
|
Page 55 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
IDD_IDLE
23
VDD_INT Current in Idle
fCCLK = 500 MHz
ASFC0 = 0.14 (Idle)
ASFC1 = 0 (Disabled)
fSYSCLK = 250 MHz, fSCLK0/1 = 125 MHz
fDCLK = 0 MHz (DDR Disabled)
fUSBCLK = 0 MHz (USB Disabled)
No PVP or DMA activity
TJ = 25°C
137
mA
IDD_TYP
23
VDD_INT Current
fCCLK = 500 MHz
ASFC0 = 1.0 (Full-on Typical)
ASFC1 = 0.86 (App)
fSYSCLK = 250 MHz, fSCLK0/1 = 125 MHz
fDCLK = 250 MHz
fUSBCLK = 0 MHz (USB Disabled)
DMA Data Rate = 124 MB/s
Medium PVP Activity
TJ = 25°C
357
mA
IDD_HIBERNATE
22, 24 Hibernate State Current
VDD_INT = 0 V,
VDD_EXT = VDD_TD = VDD_USB = 3.3 V,
VDD_DMC = 1.8 V, VREF_DMC = 0.9 V,
TJ = 25°C, fCLKIN = 0 MHz
40
A
IDD_HIBERNATE
22, 24 Hibernate State Current
Without USB
VDD_INT = 0 V,
VDD_EXT = VDD_TD = VDD_USB = 3.3 V,
VDD_DMC = 1.8 V, VREF_DMC = 0.9 V,
TJ = 25°C,
fCLKIN = 0 MHz, USB protection
disabled (USB0_PHY_CTL.DIS=1)
10
A
IDD_INT
23
VDD_INT Current
fCCLK > 0 MHz
fSCLK0/1 ≥ 0 MHz
See IDDINT_TOT
equation
on Page 56
mA
1 Applies to all output and bidirectional signals except DMC0 signals, TWI signals and USB0 signals.
2 Applies to all DMC0 output and bidirectional signals in DDR2 full drive strength mode.
3 Applies to all DMC0 output and bidirectional signals in DDR2 half drive strength mode.
4 Applies to all DMC0 output and bidirectional signals in LPDDR full drive strength mode.
5 Applies to all DMC0 output and bidirectional signals in LPDDR three-quarter drive strength mode.
6 Applies to all DMC0 output and bidirectional signals in LPDDR half drive strength mode.
7 Applies to all DMC0 output and bidirectional signals in LPDDR one-quarter drive strength mode.
8 Applies to all output and bidirectional signals except DMC0 signals and USB0 signals.
9 Applies to signals SMC0_ARDY, SMC0_BR, SYS_BMODE0–2, SYS_CLKIN, SYS_HWRST, SYS_PWRGD, JTG_TDI, and JTG_TMS.
10Applies to signals JTG_TCK and JTG_TRST.
11Applies to signals SMC0_ARDY, SMC0_BR, SYS_BMODE0–2, SYS_CLKIN, SYS_HWRST, SYS_PWRGD, JTG_TCK, and JTG_TRST.
12Applies to signals JTG_TDI, JTG_TMS.
13Applies to signal USB0_CLKIN.
14Applies to signals PA0–15, PB0–15, PC0–15, PD0–15, PE0–15, PF0–15, PG0–15, SMC0_AMS0, SMC0_ARE, SMC0_AWE, SMC0_A0E, SMC0_A01–02, SMC0_D00–15, SYS_
FAULT, SYS_FAULT, JTG_EMU, JTG_TDO, USB0_DM, USB0_DP, USB0_ID, USB0_VBC, USB0_VBUS.
15 Applies to DMC0_A[00:13], DMC0_BA[0:2], DMC0_CAS, DMC0_CS0, DMC0_DQ[00:15], DMC0_LQDS, DMC0_LDQS, DMC0_UDQS, DMC0_UDQS, DMC0_LDM,
DMC0_UDM, DMC0_ODT, DMC0_RAS, and DMC0_WE.
16Applies to signals PA0–15, PB0–15, PC0–15, PD0–15, PE0–15, PF0–15, PG0–15, SMC0_A0E, SMC0_A01–02, SMC0_D00–15, SYS_FAULT, SYS_FAULT, JTG_EMU, JTG_
TDO, USB0_DM, USB0_DP, USB0_ID, USB0_VBC, USB0_VBUS, DMC0_A00–13, DMC0_BA0–2, DMC0_CAS, DMC0_CS0, DMC0_DQ00–15, DMC0_LQDS, DMC0_
LDQS, DMC0_UDQS, DMC0_UDQS, DMC0_LDM, DMC0_UDM, DMC0_ODT, DMC0_RAS, DMC0_WE, and TWI signals.
17Applies to signals SMC0_AMS0, SMC0_ARE, SMC0_AWE, and when RSI pull-up resistors are enabled, PE10–13, 15 and PG00, 02, 03, 05.
18Applies to all TWI signals.
19Applies to all signals, except DMC0 and TWI signals.
20Guaranteed, but not tested.
21Applies to all DMC0 signals
22See the ADSP-BF60x Blackfin Processor Hardware Reference Manual for definition of deep sleep and hibernate operating modes.
23Additional information can be found at Total Internal Power Dissipation on Page 56.
24Applies to VDD_EXT, VDD_DMC, VDD_USB and VDD_TD supply signals only. Clock inputs are tied high or low.
Parameter
Test Conditions
Min
Typical
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com