Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 100 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 100 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 96Page - Analog Devices ADSP-BF607 Datasheet HTML 97Page - Analog Devices ADSP-BF607 Datasheet HTML 98Page - Analog Devices ADSP-BF607 Datasheet HTML 99Page - Analog Devices ADSP-BF607 Datasheet HTML 100Page - Analog Devices ADSP-BF607 Datasheet HTML 101Page - Analog Devices ADSP-BF607 Datasheet HTML 102Page - Analog Devices ADSP-BF607 Datasheet HTML 103Page - Analog Devices ADSP-BF607 Datasheet HTML 104Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 112 page
background image
Rev. 0
|
Page 100 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
Capacitive Loading
Output delays and holds are based on standard capacitive loads
of an average of 6 pF on all pins (see Figure 60). VLOAD is equal
to (VDD_EXT)/2.
The graphs of Figure 61 through Figure 63 show how output
rise and fall times vary with capacitance. The delay and hold
specifications given should be derated by a factor derived from
these figures. The graphs in these figures may not be linear out-
side the ranges shown.
Figure 58. Driver Type D Current (1.8 V VDD_EXT)
Figure 59. Driver Type D Current (3.3 V VDD_EXT)
– 10
SOURCE VOLTAGE (V)
0
0.5
1.0
1.5
2.0
0
– 20
VOL
V
DD_EXT = 1.9V @ – 40°C
V
DD_EXT = 1.8V @ 25°C
– 5
V
DD_EXT = 1.7V @ 125°C
– 15
– 40
SOURCE VOLTAGE (V)
0
1.0
2.0
3.0
4.0
0
– 60
VOL
V
DD_EXT = 3.465V @ – 40°C
V
DD_EXT = 3.30V @ 25°C
– 20
V
DD_EXT = 3.135V @ 125°C
Figure 60. Equivalent Device Loading for AC Measurements
(Includes All Fixtures)
Figure 61. Driver Type A Typical Rise and Fall Times (10%-90%) vs. Load
Capacitance (VDD_EXT = 1.8 V)
T1
ZO = 50
(impedance)
TD = 4.04
r 1.18 ns
2pF
TESTER PIN ELECTRONICS
50
0.5pF
70
400
45
4pF
NOTES:
THE WORST CASE TRANSMISSION LINE DELAY IS SHOWN AND CAN BE USED
FOR THE OUTPUT TIMING ANALYSIS TO REFELECT THE TRANSMISSION LINE
EFFECT AND MUST BE CONSIDERED. THE TRANSMISSION LINE (TD) IS FOR
LOAD ONLY AND DOES NOT AFFECT THE DATA SHEET TIMING SPECIFICATIONS.
ANALOG DEVICES RECOMMENDS USING THE IBIS MODEL TIMING FOR A GIVEN
SYSTEM REQUIREMENT. IF NECESSARY, A SYSTEM MAY INCORPORATE
EXTERNAL DRIVERS TO COMPENSATE FOR ANY TIMING DIFFERENCES.
VLOAD
DUT
OUTPUT
50
LOAD CAPACITANCE (pF)
12
0
14
8
4
2
6
10
0
250
200
50
100
150
16
t
RISE
t
FALL
t
FALL = 1.8V @ 25°C
t
RISE = 1.8V @ 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com