Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 23 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 19Page - Analog Devices ADSP-BF607 Datasheet HTML 20Page - Analog Devices ADSP-BF607 Datasheet HTML 21Page - Analog Devices ADSP-BF607 Datasheet HTML 22Page - Analog Devices ADSP-BF607 Datasheet HTML 23Page - Analog Devices ADSP-BF607 Datasheet HTML 24Page - Analog Devices ADSP-BF607 Datasheet HTML 25Page - Analog Devices ADSP-BF607 Datasheet HTML 26Page - Analog Devices ADSP-BF607 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 112 page
background image
Rev. 0
|
Page 23 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
349-BALL CSP_BGA SIGNAL DESCRIPTIONS
The processors' pin definitions are shown in the table. The col-
umns in this table provide the following information:
• Signal Name: The Signal Name column in the table
includes the Signal Name for every pin.
• Description: The Description column in the table provides
a verbose (descriptive) name for the signal.
• Port: The General-Purpose I/O Port column in the table
shows whether or not the signal is multiplexed with other
signals on a general-purpose I/O port pin.
• Pin Name: The Pin Name column in the table identifies the
name of the package pin (at power-on reset) on which the
signal is located (if a single function pin) or is multiplexed
(if a general-purpose I/O pin).
Table 7. ADSP-BF60x 349-Ball CSP_BGA Signal Descriptions
Signal Name
Description
Port
Pin Name
ACM0_A0
ACM0 Address 0
F
PF_14
ACM0_A1
ACM0 Address 1
F
PF_15
ACM0_A2
ACM0 Address 2
F
PF_12
ACM0_A3
ACM0 Address 3
F
PF_13
ACM0_A4
ACM0 Address 4
F
PF_10
ACM0_CLK
ACM0 Clock
E
PE_04
ACM0_FS
ACM0 Frame Sync
E
PE_03
ACM0_T0
ACM0 External Trigger 0
E
PE_08
ACM0_T1
ACM0 External Trigger 1
G
PG_05
CAN0_RX
CAN0 Receive
G
PG_04
CAN0_TX
CAN0 Transmit
G
PG_01
CNT0_DG
CNT0 Count Down and Gate
G
PG_12
CNT0_UD
CNT0 Count Up and Direction
G
PG_11
CNT0_ZM
CNT0 Count Zero Marker
G
PG_07
DMC0_A00
DMC Address 0
Not Muxed
DMC0_A00
DMC0_A01
DMC Address 1
Not Muxed
DMC0_A01
DMC0_A02
DMC Address 2
Not Muxed
DMC0_A02
DMC0_A03
DMC Address 3
Not Muxed
DMC0_A03
DMC0_A04
DMC Address 4
Not Muxed
DMC0_A04
DMC0_A05
DMC Address 5
Not Muxed
DMC0_A05
DMC0_A06
DMC Address 6
Not Muxed
DMC0_A06
DMC0_A07
DMC Address 7
Not Muxed
DMC0_A07
DMC0_A08
DMC Address 8
Not Muxed
DMC0_A08
DMC0_A09
DMC Address 9
Not Muxed
DMC0_A09
DMC0_A10
DMC Address 10
Not Muxed
DMC0_A10
DMC0_A11
DMC Address 11
Not Muxed
DMC0_A11
DMC0_A12
DMC Address 12
Not Muxed
DMC0_A12
DMC0_A13
DMC Address 13
Not Muxed
DMC0_A13
DMC0_BA0
DMC Bank Address Input 0
Not Muxed
DMC0_BA0
DMC0_BA1
DMC Bank Address Input 1
Not Muxed
DMC0_BA1
DMC0_BA2
DMC Bank Address Input 2
Not Muxed
DMC0_BA2
DMC0_CAS
DMC Column Address Strobe
Not Muxed
DMC0_CAS
DMC0_CK
DMC Clock
Not Muxed
DMC0_CK
DMC0_CKE
DMC Clock Enable
Not Muxed
DMC0_CKE
DMC0_CK
DMC Clock (complement)
Not Muxed
DMC0_CK
DMC0_CS0
DMC Chip Select 0
Not Muxed
DMC0_CS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com