Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 14 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 10Page - Analog Devices ADSP-BF607 Datasheet HTML 11Page - Analog Devices ADSP-BF607 Datasheet HTML 12Page - Analog Devices ADSP-BF607 Datasheet HTML 13Page - Analog Devices ADSP-BF607 Datasheet HTML 14Page - Analog Devices ADSP-BF607 Datasheet HTML 15Page - Analog Devices ADSP-BF607 Datasheet HTML 16Page - Analog Devices ADSP-BF607 Datasheet HTML 17Page - Analog Devices ADSP-BF607 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 112 page
background image
Rev. 0
|
Page 14 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
• Support for remote frames.
• Active or passive network support.
• CAN wakeup from hibernation mode (lowest static power
consumption mode).
• Interrupts, including: TX complete, RX complete, error
and global.
An additional crystal is not required to supply the CAN clock, as
the CAN clock is derived from a system clock through a pro-
grammable divider.
10/100 Ethernet MAC
The processor can directly connect to a network by way of an
embedded fast Ethernet media access controller (MAC) that
supports both 10-BaseT (10M bits/sec) and 100-BaseT (100M
bits/sec) operation. The 10/100 Ethernet MAC peripheral on the
processor is fully compliant to the IEEE 802.3-2002 standard
and it provides programmable features designed to minimize
supervision, bus use, or message processing by the rest of the
processor system.
Some standard features are:
• Support and RMII protocols for external PHYs
• Full duplex and half duplex modes
• Media access management (in half-duplex operation)
• Flow control
• Station management: generation of MDC/MDIO frames
for read-write access to PHY registers
Some advanced features are:
• Automatic checksum computation of IP header and IP
payload fields of RX frames
• Independent 32-bit descriptor-driven receive and transmit
DMA channels
• Frame status delivery to memory through DMA, including
frame completion semaphores for efficient buffer queue
management in software
• TX DMA support for separate descriptors for MAC header
and payload to eliminate buffer copy operations
• Convenient frame alignment modes
• 47 MAC management statistics counters with selectable
clear-on-read behavior and programmable interrupts on
half maximum value
• Advanced power management
• Magic packet detection and wakeup frame filtering
• Support for 802.3Q tagged VLAN frames
• Programmable MDC clock rate and preamble suppression
IEEE 1588 Support
The IEEE 1588 standard is a precision clock synchronization
protocol for networked measurement and control systems. The
processor includes hardware support for IEEE 1588 with an
integrated precision time protocol synchronization engine
(PTP_TSYNC). This engine provides hardware assisted time
stamping to improve the accuracy of clock synchronization
between PTP nodes. The main features of the engine are:
• Support for both IEEE 1588-2002 and IEEE 1588-2008 pro-
tocol standards
• Hardware assisted time stamping capable of up to 12.5 ns
resolution
• Lock adjustment
• Automatic detection of IPv4 and IPv6 packets, as well as
PTP messages
• Multiple input clock sources (SCLK0, RMII clock, external
clock)
• Programmable pulse per second (PPS) output
• Auxiliary snapshot to time stamp external events
USB 2.0 On-the-Go Dual-Role Device Controller
The USB 2.0 OTG dual-role device controller provides a low-
cost connectivity solution for the growing adoption of this bus
standard in industrial applications, as well as consumer mobile
devices such as cell phones, digital still cameras, and MP3 play-
ers. The USB 2.0 controller allows these devices to transfer data
using a point-to-point USB connection without the need for a
PC host. The module can operate in a traditional USB periph-
eral-only mode as well as the host mode presented in the On-
the-Go (OTG) supplement to the USB 2.0 specification.
The USB clock (USB_CLKIN) is provided through a dedicated
external crystal or crystal oscillator.
The USB On-the-Go dual-role device controller includes a
Phase Locked Loop with programmable multipliers to generate
the necessary internal clocking frequency for USB.
POWER AND CLOCK MANAGEMENT
The processor provides four operating modes, each with a dif-
ferent performance/power profile. When configured for a 0 V
internal supply voltage (VDD_INT), the processor enters the hiber-
nate state. Control of clocking to each of the processor
peripherals also reduces power consumption. See Table 5 for a
summary of the power settings for each mode.
Crystal Oscillator (SYS_XTAL)
The processor can be clocked by an external crystal, (Figure 6) a
sine wave input, or a buffered, shaped clock derived from an
external clock oscillator. If an external clock is used, it should be
a TTL compatible signal and must not be halted, changed, or
operated below the specified frequency during normal opera-
tion. This signal is connected to the processor’s SYS_CLKIN
pin. When an external clock is used, the SYS_XTAL pin must be
left unconnected. Alternatively, because the processor includes
an on-chip oscillator circuit, an external crystal may be used.
For fundamental frequency operation, use the circuit shown in
Figure 6. A parallel-resonant, fundamental frequency, micro-
processor grade crystal is connected across the SYS_CLKIN and
XTAL pins. The on-chip resistance between SYS_CLKIN and
the XTAL pin is in the 500 kΩ range. Further parallel resistors
are typically not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com