Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 75 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 71Page - Analog Devices ADSP-BF607 Datasheet HTML 72Page - Analog Devices ADSP-BF607 Datasheet HTML 73Page - Analog Devices ADSP-BF607 Datasheet HTML 74Page - Analog Devices ADSP-BF607 Datasheet HTML 75Page - Analog Devices ADSP-BF607 Datasheet HTML 76Page - Analog Devices ADSP-BF607 Datasheet HTML 77Page - Analog Devices ADSP-BF607 Datasheet HTML 78Page - Analog Devices ADSP-BF607 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 112 page
background image
Rev. 0
|
Page 75 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
Link Ports
Calculation of link receiver data setup and hold relative to link
clock is required to determine the maximum allowable skew
that can be introduced in the transmission path length differ-
ence between LP_Dx (data) and LP_CLK. Setup skew is the
maximum delay that can be introduced in LP_Dx relative to
LP_CLK:
(setup skew = tLCLKTWH min – tDLDCH – tSLDCL). Hold skew is the
maximum delay that can be introduced in LP_CLK relative to
LP_Dx: (hold skew = tLCLKTWL min – tHLDCH – tHLDCL).
Table 44. Link Ports—Receive
VDD_EXT
1.8V Nominal/3.3V Nominal
Parameter
Min
Max
Unit
Timing Requirements
tSLDCL
Data Setup Before LP_CLK Low
2
ns
tHLDCL
Data Hold After LP_CLK Low
3
ns
tLCLKIW
LP_CLK Period
1
[tSCLK0 – 1] or [12]
ns
tLCLKRWL
LP_CLK Width Low
1
[0.5 × tSCLK0 – 0.5] or [5.5]
ns
tLCLKRWH
LP_CLK Width High
1
[0.5 × tSCLK0 – 0.5] or [5.5]
ns
Switching Characteristic
tDLALC
LP_ACK Low Delay After LP_CLK Low2
1.5 × tSCLK0 + 4
2.5 × tSCLK0 + 12
ns
1 Whichever is greater.
2 LP_ACK goes low with tDLALC relative to rise of LP_CLK after first byte, but does not go low if the receiver's link buffer is not about to fill.
Figure 29. Link Ports—Receive
LP_D7–0
LP_CLK
LP_ACK (OUT)
tHLDCL
tSLDCL
IN
tLCLKRWH
tLCLKRWL
tLCLKIW
tDLALC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com