Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 93 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 93 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 89Page - Analog Devices ADSP-BF607 Datasheet HTML 90Page - Analog Devices ADSP-BF607 Datasheet HTML 91Page - Analog Devices ADSP-BF607 Datasheet HTML 92Page - Analog Devices ADSP-BF607 Datasheet HTML 93Page - Analog Devices ADSP-BF607 Datasheet HTML 94Page - Analog Devices ADSP-BF607 Datasheet HTML 95Page - Analog Devices ADSP-BF607 Datasheet HTML 96Page - Analog Devices ADSP-BF607 Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 112 page
background image
Rev. 0
|
Page 93 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
ADC Controller Module (ACM) Timing
Table 61 and Figure 48 describe ACM operations.
Note that the ACM clock (ACMx_CLK) frequency in MHz is
set by the following equation where CKDIV is a field in the
ACM_TC0 register and ranges from 1 to 255. Setup cycles (SC)
in Table 61 is also a field in the ACM_TC0 register and ranges
from 0 to 4095. Hold Cycles (HC) is a field in the ACM_TC1
register that ranges from 0 to 15.
f
ACLK
fSCLK1
CKDIV
1
+
---------------------------
=
t
ACLK
1
f
ACLK
-----------------
=
Table 61. ACM Timing
VDD_EXT
1.8 V/3.3V Nominal
Parameter
Min
Max
Unit
Timing Requirements
tSDR
SPORT DRxPRI/DRxSEC Setup Before ACMx_CLK
3
ns
tHDR
SPORT DRxPRI/DRxSEC Hold After ACMx_CLK
1.5
ns
Switching Characteristics
tSCTLCS
ACM Controls (ACMx_A[4:0]) Setup Before Assertion of CS
(SC + 1) × tSCLK1 – 3
ns
tHCTLCS
ACM Control (ACMx_A[4:0]) Hold After De-assertion of CS
HC × tACLK + 0.1
ns
tACLKW
ACM Clock Pulse Width
(tSCLK1/2) × (CLKDIV + 1) – 1.5
ns
tACLK
ACM Clock Period
1
[tSCLK1 × (CKDIV + 1)] or [16]
ns
tHCSACLK
CS Hold to ACMx_CLK Edge
–0.1
ns
tSCSACLK
CS Setup to ACMx_CLK Edge
tACLK – 3.5
ns
1 Whichever is greater.
Figure 48. ACM Timing
CS
CSPOL = 1/0
tSCSACLK
ACM
CONTROLS
DRxPRI/
DRxSEC
tACLK
t
SCTLCS
tSDR
tHDR
ACM_CLK
CLKPOL = 1/0
tHCSACLK
t
HCTLCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com