Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 70 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 66Page - Analog Devices ADSP-BF607 Datasheet HTML 67Page - Analog Devices ADSP-BF607 Datasheet HTML 68Page - Analog Devices ADSP-BF607 Datasheet HTML 69Page - Analog Devices ADSP-BF607 Datasheet HTML 70Page - Analog Devices ADSP-BF607 Datasheet HTML 71Page - Analog Devices ADSP-BF607 Datasheet HTML 72Page - Analog Devices ADSP-BF607 Datasheet HTML 73Page - Analog Devices ADSP-BF607 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 112 page
background image
Rev. 0
|
Page 70 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
Mobile DDR SDRAM Clock and Control Cycle Timing
Mobile DDR SDRAM Read Cycle Timing
Table 39. Mobile DDR SDRAM Read Cycle Timing, VDD_DMC Nominal 1.8 V
200 MHz
Parameter
Min
Max
Unit
Switching Characteristics
tCK
Clock Cycle Time (CL = 2 Not Supported)
5
ns
tCH
Minimum Clock Pulse Width
0.45
0.55
tCK
tCL
Maximum Clock Pulse Width
0.45
0.55
tCK
tIS
Control/Address Setup Relative to DMC0_CK Rise
1
ns
tIH
Control/Address Hold Relative to DMC0_CK Rise
1
ns
Figure 22. Mobile DDR SDRAM Clock and Control Cycle Timing
Table 40. Mobile DDR SDRAM Read Cycle Timing, VDD_DMC Nominal 1.8 V
200 MHz
Parameter
Min
Max
Unit
Timing Requirements
tQH
DMC0_DQ, DMC0_DQS Output Hold Time From DMC0_DQS
1.75
ns
tDQSQ
DMC0_DQS-DMC0_DQ Skew for DMC0_DQS and Associated
DMC0_DQ Signals
0.4
ns
tRPRE
Read Preamble
0.9
1.1
tCK
tRPST
Read Postamble
0.4
0.6
tCK
Figure 23. Mobile DDR SDRAM Controller Input AC Timing
NOTE: CONTROL =
DMC0_CS0, DMC0_CKE, DMC0_RAS, DMC0_CAS, AND DMC0_WE.
ADDRESS = DMC0_A00-13, AND DMC0_BA0-1.
DMC0_CK
ADDRESS
CONTROL
tIS
tIH
tCK
tCH
tCL
DMC0_CK
DMC0_CK
DMC0_DQS
tDQSQ
DMC0_DQS
(DATA)
Dn
Dn+1
Dn+2
Dn+3
tRPRE
tRPST
tQH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com