Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 97 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 97 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 93Page - Analog Devices ADSP-BF607 Datasheet HTML 94Page - Analog Devices ADSP-BF607 Datasheet HTML 95Page - Analog Devices ADSP-BF607 Datasheet HTML 96Page - Analog Devices ADSP-BF607 Datasheet HTML 97Page - Analog Devices ADSP-BF607 Datasheet HTML 98Page - Analog Devices ADSP-BF607 Datasheet HTML 99Page - Analog Devices ADSP-BF607 Datasheet HTML 100Page - Analog Devices ADSP-BF607 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 112 page
background image
Rev. 0
|
Page 97 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
Table 66. 10/100 Ethernet MAC Controller Timing: RMII Station Management
Parameter
1
VDD_EXT
1.8V/3.3V Nominal
Min
Max
Unit
Timing Requirements
tMDIOS
ETHx_MDIO Input Valid to ETHx_MDC Rising Edge (Setup)
14
ns
tMDCIH
ETHx_MDC Rising Edge to ETHx_MDIO Input Invalid (Hold)
0
ns
Switching Characteristics
tMDCOV
ETHx_MDC Falling Edge to ETHx_MDIO Output Valid
tSCLK0 + 5
ns
tMDCOH
ETHx_MDC Falling Edge to ETHx_MDIO Output Invalid (Hold)
tSCLK0 –1
ns
1 ETHx_MDC/ETHx_MDIO is a 2-wire serial bidirectional port for controlling one or more external PHYs. ETHx_MDC is an output clock whose minimum period is
programmable as a multiple of the system clock SCLK0. ETHx_MDIO is a bidirectional data line.
Figure 52. 10/100 Ethernet MAC Controller Timing: RMII Station Management
ETHx_MDIO
(INPUT)
ETHx_MDIO
(OUTPUT)
ETHx_MDC
(OUTPUT)
tMDIOS
tMDCOH
tMDCIH
tMDCOV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com