Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 68 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 64Page - Analog Devices ADSP-BF607 Datasheet HTML 65Page - Analog Devices ADSP-BF607 Datasheet HTML 66Page - Analog Devices ADSP-BF607 Datasheet HTML 67Page - Analog Devices ADSP-BF607 Datasheet HTML 68Page - Analog Devices ADSP-BF607 Datasheet HTML 69Page - Analog Devices ADSP-BF607 Datasheet HTML 70Page - Analog Devices ADSP-BF607 Datasheet HTML 71Page - Analog Devices ADSP-BF607 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 112 page
background image
Rev. 0
|
Page 68 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
DDR2 SDRAM Read Cycle Timing
Table 37. DDR2 SDRAM Read Cycle Timing, VDD_DMC Nominal 1.8 V
250 MHz
1
1 In order to ensure proper operation of the DDR2, all the DDR2 guidelines have to be strictly followed.
Parameter
Min
Max
Unit
Timing Requirements
tDV
Data Valid Window
1
ns
tDQSQ
DMC0_DQS-DMC0_DQ Skew for DMC0_DQS and Associated DMC0_
DQ Signals
0.35
ns
tQH
DMC0_DQ, DMC0_DQS Output Hold Time From DMC0_DQS
1.6
ns
tRPRE
Read Preamble
0.9
tCK
tRPST
Read Postamble
0.4
tCK
Figure 20. DDR2 SDRAM Controller Input AC Timing
DDR2_CLKx
DDR2_DQSn
tAC
tRPRE
tDQSQ
tDQSQ
tQH
tRPST
DDR2_DATA
DDR2_CLKx
DDR2_DQSn
tDQSCK
tCK
tCH
tCL
tAS
tAH
DDR2_ADDR
DDR2_CTL
tQH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com