Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 17 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 13Page - Analog Devices ADSP-BF607 Datasheet HTML 14Page - Analog Devices ADSP-BF607 Datasheet HTML 15Page - Analog Devices ADSP-BF607 Datasheet HTML 16Page - Analog Devices ADSP-BF607 Datasheet HTML 17Page - Analog Devices ADSP-BF607 Datasheet HTML 18Page - Analog Devices ADSP-BF607 Datasheet HTML 19Page - Analog Devices ADSP-BF607 Datasheet HTML 20Page - Analog Devices ADSP-BF607 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 112 page
background image
Rev. 0
|
Page 17 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
From a system perspective reset is defined by both the reset tar-
get and the reset source as described below.
Target defined:
• Hardware Reset – All functional units are set to their
default states without exception. History is lost.
• System Reset – All functional units except the RCU are set
to their default states.
• Core-n only Reset – Affects Core-n only. The system soft-
ware should guarantee that the core in reset state is not
accessed by any bus master.
Source defined:
• Hardware Reset – The SYS_HWRST input signal is
asserted active (pulled down).
• System Reset – May be triggered by software (writing to the
RCU_CTL register) or by another functional unit such as
the dynamic power management (DPM) unit (Hibernate)
or any of the system event controller (SEC), trigger routing
unit (TRU), or emulator inputs.
• Core-n-only reset – Triggered by software.
• Trigger request (peripheral).
Voltage Regulation
The processor requires an external voltage regulator to power
the VDD_INT pins. To reduce standby power consumption, the
external voltage regulator can be signaled through SYS_
EXTWAKE to remove power from the processor core. This sig-
nal is high-true for power-up and may be connected directly to
the low-true shut-down input of many common regulators.
While in the hibernate state, all external supply pins (VDD_EXT,
VDD_USB, VDD_DMC) can still be powered, eliminating the need for
external buffers. The external voltage regulator can be activated
from this power down state by asserting the SYS_HWRST pin,
which then initiates a boot sequence. SYS_EXTWAKE indicates
a wakeup to the external voltage regulator.
SYSTEM DEBUG
The processor includes various features that allow for easy sys-
tem debug. These are described in the following sections.
System Watchpoint Unit
The System Watchpoint Unit (SWU) is a single module which
connects to a single system bus and provides for transaction
monitoring. One SWU is attached to the bus going to each sys-
tem slave. The SWU provides ports for all system bus address
channel signals. Each SWU contains four match groups of regis-
ters with associated hardware. These four SWU match groups
operate independently, but share common event (interrupt,
trigger and others) outputs.
System Debug Unit
The System Debug Unit (SDU) provides IEEE-1149.1 support
through its JTAG interface. In addition to traditional JTAG fea-
tures, present in legacy Blackfin products, the SDU adds more
features for debugging the chip without halting the core
processors.
DEVELOPMENT TOOLS
Analog Devices supports its processors with a complete line of
software and hardware development tools, including integrated
development environments (which include CrossCore
® Embed-
ded Studio and/or VisualDSP++
®), evaluation products,
emulators, and a wide variety of software add-ins.
Integrated Development Environments (IDEs)
For C/C++ software writing and editing, code generation, and
debug support, Analog Devices offers two IDEs.
The newest IDE, CrossCore Embedded Studio, is based on the
Eclipse
TM framework. Supporting most Analog Devices proces-
sor families, it is the IDE of choice for future processors,
including multicore devices. CrossCore Embedded Studio
seamlessly integrates available software add-ins to support real
time operating systems, file systems, TCP/IP stacks, USB stacks,
algorithmic software modules, and evaluation hardware board
support packages. For more information visit
www.analog.com/cces.
The other Analog Devices IDE, VisualDSP++, supports proces-
sor families introduced prior to the release of CrossCore
Embedded Studio. This IDE includes the Analog Devices VDK
real time operating system and an open source TCP/IP stack.
For more information visit www.analog.com/visualdsp. Note
that VisualDSP++ will not support future Analog Devices
processors.
EZ-KIT Lite Evaluation Board
For processor evaluation, Analog Devices provides wide range
of EZ-KIT Lite
® evaluation boards. Including the processor and
key peripherals, the evaluation board also supports on-chip
emulation capabilities and other evaluation and development
features. Also available are various EZ-Extenders
®, which are
daughter cards delivering additional specialized functionality,
including audio and video processing. For more information
visit www.analog.com and search on “ezkit” or “ezextender”.
EZ-KIT Lite Evaluation Kits
For a cost-effective way to learn more about developing with
Analog Devices processors, Analog Devices offer a range of EZ-
KIT Lite evaluation kits. Each evaluation kit includes an EZ-KIT
Lite evaluation board, directions for downloading an evaluation
version of the available IDE(s), a USB cable, and a power supply.
The USB controller on the EZ-KIT Lite board connects to the
USB port of the user’s PC, enabling the chosen IDE evaluation
suite to emulate the on-board processor in-circuit. This permits
the customer to download, execute, and debug programs for the
EZ-KIT Lite system. It also supports in-circuit programming of
the on-board Flash device to store user-specific boot code,
enabling standalone operation. With the full version of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com