Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 20 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 16Page - Analog Devices ADSP-BF607 Datasheet HTML 17Page - Analog Devices ADSP-BF607 Datasheet HTML 18Page - Analog Devices ADSP-BF607 Datasheet HTML 19Page - Analog Devices ADSP-BF607 Datasheet HTML 20Page - Analog Devices ADSP-BF607 Datasheet HTML 21Page - Analog Devices ADSP-BF607 Datasheet HTML 22Page - Analog Devices ADSP-BF607 Datasheet HTML 23Page - Analog Devices ADSP-BF607 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 112 page
background image
Rev. 0
|
Page 20 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
ETH_CRS
Input
Carrier Sense/RMII Receive Data Valid Multiplexed on alternate clock cycles.
CRS: Asserted by the PHY when either the transmit or receive medium is not idle. De-asserted when both
are idle.
RXDV: Asserted by the PHY when the data on RXDn is valid.
ETH_MDC
Output
Management Channel Clock Clocks the MDC input of the PHY.
ETH_MDIO
I/O
Management Channel Serial Data Bidirectional data bus for PHY control.
ETH_PTPAUXIN
Input
PTP Auxiliary Trigger Input Assert this signal to take an auxiliary snapshot of the time and store it in
the auxiliary time stamp FIFO.
ETH_PTPCLKIN
Input
PTP Clock Input Optional external PTP clock input.
ETH_PTPPPS
Output
PTP Pulse-Per-Second Output When the Advanced Time Stamp feature is enabled, this signal is
asserted based on the PPS mode selected. Otherwise, PTPPPS is asserted every time the seconds counter
is incremented.
ETH_REFCLK
Input
Reference Clock Externally supplied Ethernet clock.
ETH_RXDn
Input
Receive Data n Receive data bus.
ETH_TXDn
Output
Transmit Data n Transmit data bus.
ETH_TXEN
I/O
Transmit Enable When asserted indicates that the data on TXDn is valid.
JTG_EMU
Output
Emulation Output JTAG emulation flag.
JTG_TCK
Input
Clock JTAG test access port clock.
JTG_TDI
Input
Serial Data In JTAG test access port data input.
JTG_TDO
Output
Serial Data Out JTAG test access port data output.
JTG_TMS
Input
Mode Select JTAG test access port mode select.
JTG_TRST
Input
Reset JTAG test access port reset.
LP_ACK
I/O
Acknowledge Provides handshaking. When the link port is configured as a receiver, ACK is an output.
When the link port is configured as a transmitter, ACK is an input.
LP_CLK
I/O
Clock When the link port is configured as a receiver, CLK is an input. When the link port is configured as
a transmitter, CLK is an output.
LP_Dn
I/O
Data n Data bus. Input when receiving, output when transmitting.
PPI_CLK
I/O
Clock Input in external clock mode, output in internal clock mode.
PPI_Dnn
I/O
Data n Bidirectional data bus.
PPI_FS1
I/O
Frame Sync 1 (HSYNC) Behavior depends on PPI mode. See the PPI chapter in the processor hardware
reference for more details.
PPI_FS2
I/O
Frame Sync 2 (VSYNC) Behavior depends on PPI mode. See the PPI chapter in the processor hardware
reference for more details.
PPI_FS3
I/O
Frame Sync 3 (FIELD) Behavior depends on PPI mode. See the PPI chapter in the processor hardware
reference for more details.
PWM_AH
Output
Channel A High Side High side drive signal.
PWM_AL
Output
Channel A Low Side Low side drive signal.
PWM_BH
Output
Channel B High Side High side drive signal.
PWM_BL
Output
Channel B Low Side Low side drive signal.
PWM_CH
Output
Channel C High Side High side drive signal.
PWM_CL
Output
Channel C Low Side Low side drive signal.
PWM_DH
Output
Channel D High Side High side drive signal.
PWM_DL
Output
Channel D Low Side Low side drive signal.
PWM_SYNC
Input
PWM External Sync This input is for an externally generated sync signal. If the sync signal is internally
generated no connection is necessary.
PWM_TRIPn
Input
Shutdown Input n When asserted the selected PWM channel outputs are shut down immediately.
Px_nn
I/O
Position n General purpose input/output. See the GP Ports chapter in the processor hardware reference
for programming information.
Table 6. Detailed Signal Descriptions (Continued)
Signal Name
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com