Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 92 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 92 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 88Page - Analog Devices ADSP-BF607 Datasheet HTML 89Page - Analog Devices ADSP-BF607 Datasheet HTML 90Page - Analog Devices ADSP-BF607 Datasheet HTML 91Page - Analog Devices ADSP-BF607 Datasheet HTML 92Page - Analog Devices ADSP-BF607 Datasheet HTML 93Page - Analog Devices ADSP-BF607 Datasheet HTML 94Page - Analog Devices ADSP-BF607 Datasheet HTML 95Page - Analog Devices ADSP-BF607 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 112 page
background image
Rev. 0
|
Page 92 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
Up/Down Counter/Rotary Encoder Timing
Pulse Width Modulator (PWM) Timing
Table 60 and Figure 47 describe PWM operations.
Table 59. Up/Down Counter/Rotary Encoder Timing
VDD_EXT
1.8V Nominal
VDD_EXT
3.3V Nominal
Parameter
Min
Max
Min
Max
Unit
Timing Requirement
tWCOUNT
Up/Down Counter/Rotary Encoder Input Pulse Width 2 × tSCLK0
2 × tSCLK0
ns
Figure 46. Up/Down Counter/Rotary Encoder Timing
CNT_UD
CNT_DG
CNT_ZM
tWCOUNT
Table 60. PWM Timing
VDD_EXT
1.8V Nominal
VDD_EXT
3.3V Nominal
Parameter
Min
Max
Min
Max
Unit
Timing Requirement
tES
External Sync Pulse Width
2 × tSCLK0
ns
Switching Characteristics
tDODIS
Output Inactive (OFF) After Trip Input1
15
ns
tDOE
Output Delay After External Sync1, 2
2 × tSCLK0 + 5.5
5 × tSCLK0 + 14
ns
1 PWM outputs are: PWMx_AH, PWMx_AL, PWMx_BH, PWMx_BL, PWMx_CH, and PWMx_CL.
2 When the external sync signal is synchronous to the peripheral clock, it takes fewer clock cycles for the output to appear compared to when the external sync signal is
asynchronous to the peripheral clock. For more information, see the ADSP-BF60x Blackfin Processor Hardware Reference.
Figure 47. PWM Timing
PWM_TRIP
PWM_SYNC
(AS INPUT)
tES
tDOE
OUTPUT
tDODIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com