Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 59 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 55Page - Analog Devices ADSP-BF607 Datasheet HTML 56Page - Analog Devices ADSP-BF607 Datasheet HTML 57Page - Analog Devices ADSP-BF607 Datasheet HTML 58Page - Analog Devices ADSP-BF607 Datasheet HTML 59Page - Analog Devices ADSP-BF607 Datasheet HTML 60Page - Analog Devices ADSP-BF607 Datasheet HTML 61Page - Analog Devices ADSP-BF607 Datasheet HTML 62Page - Analog Devices ADSP-BF607 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 112 page
background image
Rev. 0
|
Page 59 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
TIMING SPECIFICATIONS
Specifications are subject to change without notice.
Clock and Reset Timing
Table 26 and Figure 10 describe clock and reset operations. Per
the CCLK, SYSCLK, SCLK0, SCLK1, DCLK, and OCLK timing
specifications in Table 17 on Page 53, combinations of 
SYS_CLKIN and clock multipliers must not select clock rates in
excess of the processor’s maximum instruction rate.
Table 26. Clock and Reset Timing
VDD_EXT
1.8 V/3.3V Nominal
Parameter
Min
Max
Unit
Timing Requirements
fCKIN
SYS_CLKIN Frequency (using a crystal)
1, 2, 3
20
50
MHz
fCKIN
SYS_CLKIN Frequency (using a crystal oscillator)1, 2, 3
20
60
MHz
tCKINL
SYS_CLKIN Low Pulse
1
6.67
ns
tCKINH
SYS_CLKIN High Pulse1
6.67
ns
tWRST
SYS_HWRST Asserted Pulse Width Low
4
11 × tCKIN
ns
1 Applies to PLL bypass mode and PLL non bypass mode.
2 The tCKIN period (see Figure 10) equals 1/fCKIN.
3 If the CGU_CTL.DF bit is set, the minimum f
CKIN specification is 40 MHz.
4 Applies after power-up sequence is complete. See Table 27 and Figure 11 for power-up reset timing.
Figure 10. Clock and Reset Timing
SYS_CLKIN
tWRST
tCKIN
tCKINL
tCKINH
SYS_HWRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com