Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 101 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 101 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 97Page - Analog Devices ADSP-BF607 Datasheet HTML 98Page - Analog Devices ADSP-BF607 Datasheet HTML 99Page - Analog Devices ADSP-BF607 Datasheet HTML 100Page - Analog Devices ADSP-BF607 Datasheet HTML 101Page - Analog Devices ADSP-BF607 Datasheet HTML 102Page - Analog Devices ADSP-BF607 Datasheet HTML 103Page - Analog Devices ADSP-BF607 Datasheet HTML 104Page - Analog Devices ADSP-BF607 Datasheet HTML 105Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 112 page
background image
Rev. 0
|
Page 101 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
ENVIRONMENTAL CONDITIONS
To determine the junction temperature on the application
printed circuit board use:
where:
TJ = Junction temperature (°C)
TCASE = Case temperature (°C) measured by customer at top
center of package.
JT = From Table 68
PD = Power dissipation (see Total Internal Power Dissipation on
Page 56 for the method to calculate PD)
Values of JA are provided for package comparison and printed
circuit board design considerations. JA can be used for a first
order approximation of TJ by the equation:
where:
TA = Ambient temperature (°C)
Values of JC are provided for package comparison and printed
circuit board design considerations when an external heat sink
is required.
In Table 68, airflow measurements comply with JEDEC stan-
dards JESD51-2 and JESD51-6. The junction-to-case
measurement complies with MIL-STD-883 (Method 1012.1).
All measurements use a 2S2P JEDEC test board.
Figure 62. Driver Type A Typical Rise and Fall Times (10%-90%) vs. Load
Capacitance (VDD_EXT = 3.3 V)
Figure 63. Driver Type B & C Typical Rise and Fall Times (10%-90%) vs. Load
Capacitance (VDD_DMC = 1.8 V)
LOAD CAPACITANCE (pF)
12
0
14
8
4
2
6
10
0
250
200
50
100
150
16
t
RISE
t
FALL
t
FALL = 3.3V @ 25°C
t
RISE = 3.3V @ 25°C
LOAD CAPACITANCE (pF)
1.2
0
1.4
0.8
0.4
0.2
0.6
1.0
025
20
510
15
t
FALL = 1.8V @ 25°C
t
RISE = 1.8V @ 25°C
35
30
t
RISE DS = 10
t
FALL DS = 10
t
RISE DS = 00
t
FALL DS = 00
Table 68. Thermal Characteristics
Parameter
Condition
Typical
Unit
JA
0 linear m/s air flow
16.7
°C/W
JMA
1 linear m/s air flow
14.6
°C/W
JMA
2 linear m/s air flow
13.9
°C/W
JC
4.41
°C/W
JT
0 linear m/s air flow
0.11
°C/W
JT
1 linear m/s air flow
0.24
°C/W
JT
2 linear m/s air flow
0.25
°C/W
TJ
TCASE
JT
PD

+
=
TJ
TA
JA
PD

+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com