Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 36 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 36 Page - SPANSION

Back Button S25FS256S Datasheet HTML 32Page - SPANSION S25FS256S Datasheet HTML 33Page - SPANSION S25FS256S Datasheet HTML 34Page - SPANSION S25FS256S Datasheet HTML 35Page - SPANSION S25FS256S Datasheet HTML 36Page - SPANSION S25FS256S Datasheet HTML 37Page - SPANSION S25FS256S Datasheet HTML 38Page - SPANSION S25FS256S Datasheet HTML 39Page - SPANSION S25FS256S Datasheet HTML 40Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 154 page
background image
36
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
5.5
DC Characteristics
Applicable within operating ranges.
Notes:
1. Typical values are at TAI = 25°C and VDD = 1.8V.
2. Outputs unconnected during read data return. Output switching current is not included.
5.5.1
Active Power and Standby Power Modes
The device is enabled and in the Active Power mode when Chip Select (CS#) is Low. When CS# is high, the
device is disabled, but may still be in an Active Power mode until all program, erase, and write operations
have completed. The device then goes into the Standby Power mode, and power consumption drops to ISB.
Table 5.4 FS-S DC Characteristics
Symbol
Parameter
Test Conditions
Min
Typ (1)
Max
Unit
VIL
Input Low Voltage
-0.5
0.3xVDD
V
VIH
Input High Voltage
0.7xVDD
VDD+0.4
V
VOL
Output Low Voltage
IOL = 0.1 mA
0.2
V
VOH
Output High Voltage
IOH = –0.1 mA
VDD - 0.2
V
ILI
Input Leakage Current
VDD = VDD Max, VIN = VIH or VSS, CS# = VIH
±2
µA
ILO
Output Leakage Current
VDD = VDD Max, VIN = VIH or VSS, CS# = VIH
±2
µA
ICC1
Active Power Supply Current
(READ) (2)
Serial SDR@50 MHz
Serial SDR@133 MHz
Quad SDR@133 MHz
Quad DDR@80 MHz
10
20
60
70
18
30
65
90
mA
ICC2
Active Power Supply Current
(Page Program)
CS# = VDD
60
100
mA
ICC3
Active Power Supply Current
(WRR or WRAR)
CS# = VDD
60
100
mA
ICC4
Active Power Supply Current (SE)
CS# = VDD
60
100
mA
ICC5
Active Power Supply Current (BE)
CS# = VDD
60
100
mA
ISB
(Industrial)
Standby Current
IO3/RESET#, CS# = VDD; SI, SCK = VDD or
VSS, Industrial Temp
70
100
µA
ISB
(Automotive)
Standby Current
IO3/RESET#, CS# = VDD; SI, SCK = VDD or
VSS, Automotive Temp
70
300
µA
IPOR
Power-On Reset Current
IO3/RESET#, CS# = VDD; SI,
SCK = VDD or VSS
80
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com