Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 100 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 100 Page - SPANSION

Back Button S25FS256S Datasheet HTML 96Page - SPANSION S25FS256S Datasheet HTML 97Page - SPANSION S25FS256S Datasheet HTML 98Page - SPANSION S25FS256S Datasheet HTML 99Page - SPANSION S25FS256S Datasheet HTML 100Page - SPANSION S25FS256S Datasheet HTML 101Page - SPANSION S25FS256S Datasheet HTML 102Page - SPANSION S25FS256S Datasheet HTML 103Page - SPANSION S25FS256S Datasheet HTML 104Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 154 page
background image
100
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
10.3.9
Write VDLR (WVDLR 4Ah)
Before the Write VDLR (WVDLR) command can be accepted by the device, a Write Enable (WREN)
command must be issued and decoded by the device. After the Write Enable (WREN) command has been
decoded successfully, the device will set the Write Enable Latch (WEL) to enable WVDLR operation.
The WVDLR command is entered by shifting the instruction and the data byte on SI.
CS# must be driven to the logic high state after the eighth bit of data has been latched. If not, the WVDLR
command is not executed. As soon as CS# is driven to the logic high state, the WVDLR operation is initiated
with no delays. The maximum clock frequency for the PNVDLR command is 133 MHz.
Figure 10.20 Write VDLR (WVDLR) Command Sequence
10.3.10
Data Learning Pattern Read (DLPRD 41h)
The instruction is shifted on SI, then the 8-bit DLP is shifted out on SO. It is possible to read the DLP
continuously by providing multiples of eight clock cycles. The maximum operating clock frequency for the
DLPRD command is 133 MHz.
Figure 10.21 DLP Read (DLPRD) Command Sequence
10.3.11
Enter 4-Byte Address Mode (4BAM B7h)
The enter 4-byte Address Mode (4BAM) command sets the volatile Address Length bit (CR2V[7]) to 1 to
change most 3-byte address commands to require 4 bytes of address. The Read SFDP (RSFDP) command
is the only 3-byte command that is not affected by the Address Length bit. RSFDP is required by the JEDEC
JESD216 standard to always have only 3 bytes of address.
A hardware or software reset is required to exit the 4-byte address mode.
Figure 10.22 Enter 4-Byte Address Mode (4BAM B7h) Command Sequence
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Instruction
Input Data
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Instruction
Register Read
Repeat Register Read
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com