Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 89 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 89 Page - SPANSION

Back Button S25FS256S Datasheet HTML 85Page - SPANSION S25FS256S Datasheet HTML 86Page - SPANSION S25FS256S Datasheet HTML 87Page - SPANSION S25FS256S Datasheet HTML 88Page - SPANSION S25FS256S Datasheet HTML 89Page - SPANSION S25FS256S Datasheet HTML 90Page - SPANSION S25FS256S Datasheet HTML 91Page - SPANSION S25FS256S Datasheet HTML 92Page - SPANSION S25FS256S Datasheet HTML 93Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
89
Da ta
Shee t
(Prelim i nar y )
Note:
1. Commands not supported in QPI Mode have undefined behavior if sent when the device is in QPI Mode.
10.1.3
Read Device Identification
There are multiple commands to read information about the device manufacturer, device type, and device
features. SPI memories from different vendors have used different commands and formats for reading
information about the memories. The S25FS-S family supports the three device information commands.
10.1.4
Register Read or Write
There are multiple registers for reporting embedded operation status or controlling device configuration
options. There are commands for reading or writing these registers. Registers contain both volatile and non-
volatile bits. Non-Volatile bits in registers are automatically erased and programmed as a single (write)
operation.
Erase
/Program
Suspend
/Resume
EPS
Erase / Program Suspend
75
133
0
Yes
EPS
Erase / Program Suspend (alternate instruction)
85
133
0
Yes
EPS
Erase / Program Suspend (alternate instruction)
B0
133
0
Yes
EPR
Erase / Program Resume
7A
133
0
Yes
EPR
Erase / Program Resume (alternate instruction)
8A
133
0
Yes
EPR
Erase / Program Resume (alternate instruction)
This command may be disabled and the instruction value
instead used for a clear status command - see
Configuration Register 3 on page 69
30
133
0
Yes
One-Time
Program
Array
OTPP
OTP Program
42
133
3 or 4
No
OTPR
OTP Read
4B
133
3 or 4
No
Advanced
Sector
Protection
DYBRD
DYB Read
FA
133
3 or 4
Yes
4DYBRD
DYB Read
E0
133
4
Yes
DYBWR
DYB Write
FB
133
3 or 4
Yes
4DYBWR
DYB Write
E1
133
4
Yes
PPBRD
PPB Read
FC
133
3 or 4
No
4PPBRD
PPB Read
E2
133
4
No
PPBP
PPB Program
FD
133
3 or 4
No
4PPBP
PPB Program
E3
133
4
No
PPBE
PPB Erase
E4
133
0
No
ASPRD
ASP Read
2B
133
0
No
ASPP
ASP Program
2F
133
0
No
PLBRD
PPB Lock Bit Read
A7
133
0
No
PLBWR
PPB Lock Bit Write
A6
133
0
No
PASSRD
Password Read
E7
133
0
No
PASSP
Password Program
E8
133
0
No
PASSU
Password Unlock
E9
133
0
No
Reset
RSTEN
Software Reset Enable
66
133
0
Yes
RST
Software Reset
99
133
0
Yes
RESET
Legacy Software Reset
F0
133
0
No
MBR
Mode Bit Reset
FF
133
0
Yes
Table 10.1 S25FS-S Family Command Set (sorted by function) (Sheet 2 of 2)
Function
Command
Name
Command Description
Instruction
Value
(Hex)
Maximum
Frequency
(MHz)
Address
Length
(Bytes)
QPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com