Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 78 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 78 Page - SPANSION

Back Button S25FS256S Datasheet HTML 74Page - SPANSION S25FS256S Datasheet HTML 75Page - SPANSION S25FS256S Datasheet HTML 76Page - SPANSION S25FS256S Datasheet HTML 77Page - SPANSION S25FS256S Datasheet HTML 78Page - SPANSION S25FS256S Datasheet HTML 79Page - SPANSION S25FS256S Datasheet HTML 80Page - SPANSION S25FS256S Datasheet HTML 81Page - SPANSION S25FS256S Datasheet HTML 82Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 154 page
background image
78
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
When Block Protection is enabled (i.e., any BP2-0 are set to 1), Advanced Sector Protection (ASP) can still
be used to protect sectors not protected by the Block Protection scheme. In the case that both ASP and Block
Protection are used on the same sector the logical OR of ASP and Block Protection related to the sector is
used.
9.3.1
Freeze Bit
Bit 0 of Configuration Register 1 (CR1V[0]) is the FREEZE bit. The Freeze bit, when set to 1, locks the current
state of the Block Protection control bits and OTP area until the next power off-on cycle. Additional details in
Configuration Register 1 Volatile (CR1V) on page 64.
9.3.2
Write Protect Signal
The Write Protect (WP#) input in combination with the Status Register Write Disable (SRWD) bit (SR1NV[7])
provide hardware input signal controlled protection. When WP# is Low and SRWD is set to 1
Status Register 1 (SR1NV and SR1V) and Configuration Register 1 (CR1NV and CR1V) are protected from
alteration. This prevents disabling or changing the protection defined by the Block Protect bits. See Status
Register 1 on page 60.
9.4
Advanced Sector Protection
Advanced Sector Protection (ASP) is the name used for a set of independent hardware and software
methods used to disable or enable programming or erase operations, individually, in any or all sectors.
Every main flash array sector has a non-volatile Persistent Protection Bit (PPB) and a volatile Dynamic
Protection Bit (DYB) associated with it. When either bit is 0, the sector is protected from program and erase
operations. The PPB bits are protected from program and erase when the volatile PPB Lock bit is 0. There
are two methods for managing the state of the PPB Lock bit: Password Protection and Persistent Protection.
An overview of these methods is shown in Figure 9.2, Advanced Sector Protection Overview on page 80.
Block Protection and ASP protection settings for each sector are logically ORed to define the protection for
each sector i.e. if either mechanism is protecting a sector the sector cannot be programmed or erased. Refer
to Block Protection on page 77 for full details of the BP2-0 bits.
Table 9.2 Lower Array Start of Protection (TBPROT_O = 1)
Status Register Content
Protected Fraction
of Memory Array
Protected Memory (kbytes)
BP2
BP1
BP0
FS128S
128 Mb
FS256S
256 Mb
0
0
0None0
0
0
0
1
Lower 64th
256
512
0
1
0
Lower 32nd
512
1024
0
1
1
Lower 16th
1024
2048
1
0
0
Lower 8th
2048
4096
1
0
1
Lower 4th
4096
8192
1
1
0
Lower Half
8192
16384
1
1
1
All Sectors
16384
32768



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com