Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 60 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 60 Page - SPANSION

Back Button S25FS256S Datasheet HTML 56Page - SPANSION S25FS256S Datasheet HTML 57Page - SPANSION S25FS256S Datasheet HTML 58Page - SPANSION S25FS256S Datasheet HTML 59Page - SPANSION S25FS256S Datasheet HTML 60Page - SPANSION S25FS256S Datasheet HTML 61Page - SPANSION S25FS256S Datasheet HTML 62Page - SPANSION S25FS256S Datasheet HTML 63Page - SPANSION S25FS256S Datasheet HTML 64Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 154 page
background image
60
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
8.6.1
Status Register 1
8.6.1.1
Status Register 1 Non-Volatile (SR1NV)
Related Commands: Write Registers (WRR 01h), Read Any Register (RDAR 65h), Write Any Register
(WRAR 71h)
Status Register Write Non-Volatile (SRWD_NV) SR1NV[7]: Places the device in the Hardware Protected
mode when this bit is set to 1 and the WP# input is driven low. In this mode, the Write Registers (WRR) and
Write Any Register (WRAR) commands (that select Status Register 1 or Configuration Register 1) are
ignored and not accepted for execution, effectively locking the state of the Status Register 1 and
Configuration Register 1 (SR1NV, SR1V, CR1NV, or CR1V) bits, by making the registers read-only. If WP# is
high, Status Register 1 and Configuration Register 1 may be changed by the WRR or WRAR commands. If
SRWD_NV is 0, WP# has no effect and Status Register 1 and Configuration Register 1 may be changed by
the WRR or WRAR commands. WP# has no effect on the writing of any other registers. The SRWD_NV bit
has the same non-volatile endurance as the main flash array. The SRWD (SR1V[7]) bit serves only as a copy
of the SRWD_NV bit to provide zero read latency.
Program Error Default (P_ERR_D) SR1NV[6]: Provides the default state for the Programming Error Status
in SR1V[6]. This bit is not user programmable.
Erase Error (E_ERR) SR1V[5]: Provides the default state for the Erase Error Status in SR1V[5]. This bit is
not user programmable.
Block Protection (BP_NV2, BP_NV1, BP_NV0) SR1NV[4:2]: These bits define the main flash array area to
be software-protected against Program and Erase commands. The BP bits are selected as either volatile or
non-volatile, depending on the state of the BP non-volatile bit (BPNV_O) in the Configuration Register
CR1NV[3]. When CR1NV[3]=0 the non-volatile version of the BP bits (SR1NV[4:2]) are used to control Block
Protection and the WRR command writes SR1NV[4:2] and updates SR1V[4:2] to the same value. When
CR1NV[3]=1 the volatile version of the BP bits (SR1V[4:2]) are used to control Block Protection and the WRR
command writes SR1V[4:2] and does not affect SR1NV[4:2]. When one or more of the BP bits is set to 1, the
relevant memory area is protected against Program and Erase. The Bulk Erase (BE) command can be
executed only when the BP bits are cleared to 0’s. See Section 9.3, Block Protection on page 77 for a
description of how the BP bit values select the memory array area protected. The non-volatile version of the
BP bits have the same non-volatile endurance as the main flash array.
Write Enable Latch Default (WEL_D) SR1NV[1]: Provides the default state for the WEL Status in SR1V[1].
This bit is programmed by Spansion and is not user programmable.
Write-In-Progress Default (WIP_D) SR1NV[0]: Provides the default state for the WIP Status in SR1V[0].
This bit is programmed by Spansion and is not user programmable.
Table 8.14 Status Register 1 Non-Volatile (SR1NV)
Bits
Field Name
Function
Type
Default State
Description
7
SRWD_NV
Status Register
Write Disable
Default
Non-Volatile
0
1 = Locks state of SRWD, BP, and Configuration
Register 1 bits when WP# is low by not executing WRR
or WRAR commands that would affect SR1NV, SR1V,
CR1NV, or CR1V.
0 = No protection, even when WP# is low.
6
P_ERR_D
Programming
Error Default
Non-Volatile
Read Only
0
Provides the default state for the Programming Error
Status. Not user programmable.
5
E_ERR_D
Erase Error
Default
Non-Volatile
Read Only
0
Provides the default state for the Erase Error Status. Not
user programmable.
4
BP_NV2
Block
Protection
Non-Volatile
Non-Volatile
000b
Protects the selected range of sectors (Block) from
Program or Erase when the BP bits are configured as
non-volatile (CR1NV[3]=0). Programmed to 111b when
BP bits are configured to volatile (CR1NV[3]=1).- after
which these bits are no longer user programmable.
3
BP_NV1
2
BP_NV0
1
WEL_D
WEL Default
Non-Volatile
Read Only
0
Provides the default state for the WEL Status. Not user
programmable.
0
WIP_D
WIP Default
Non-Volatile
Read Only
0
Provides the default state for the WIP Status. Not user
programmable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com