Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 47 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 47 Page - SPANSION

Back Button S25FS256S Datasheet HTML 43Page - SPANSION S25FS256S Datasheet HTML 44Page - SPANSION S25FS256S Datasheet HTML 45Page - SPANSION S25FS256S Datasheet HTML 46Page - SPANSION S25FS256S Datasheet HTML 47Page - SPANSION S25FS256S Datasheet HTML 48Page - SPANSION S25FS256S Datasheet HTML 49Page - SPANSION S25FS256S Datasheet HTML 50Page - SPANSION S25FS256S Datasheet HTML 51Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
47
Da ta
Shee t
(Prelim i nar y )
7.2.2
8-Connector Physical Diagrams
Figure 7.5 SOIC 8-Lead, 208 mil Body Width (SOC008)
3602 \ 16-038.03 \ 9.1.6
NOTES:
1.
ALL DIMENSIONS ARE IN BOTH INCHES AND MILLMETERS.
2.
DIMENSIONING AND TOLERANCING PER ASME Y14.5M - 1994.
3.
DIMENSION D DOES NOT INCLUDE MOLD FLASH,
PROTRUSIONS OR GATE BURRS. MOLD FLASH,
PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.15 mm
PER END. DIMENSION E1 DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION INTERLEAD FLASH OR PROTRUSION
SHALL NOT EXCEED 0.25 mm PER SIDE. D AND E1
DIMENSIONS ARE DETERMINED AT DATUM H.
4.
THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE
BOTTOM. DIMENSIONS D AND E1 ARE DETERMINED AT THE
OUTMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF
MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD
FLASH. BUT INCLUDING ANY MISMATCH BETWEEN THE TOP
AND BOTTOM OF THE PLASTIC BODY.
5.
DATUMS A AND B TO BE DETERMINED AT DATUM H.
6.
"N" IS THE MAXIMUM NUMBER OF TERMINAL POSITIONS FOR
THE SPECIFIED PACKAGE LENGTH.
7.
THE DIMENSIONS APPLY TO THE FLAT SECTION OF THE LEAD
BETWEEN 0.10 TO 0.25 mm FROM THE LEAD TIP.
8.
DIMENSION "b" DOES NOT INCLUDE DAMBAR PROTRUSION.
ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.10 mm TOTAL
IN EXCESS OF THE "b" DIMENSION AT MAXIMUM MATERIAL
CONDITION. THE DAMBAR CANNOT BE LOCATED ON THE
LOWER RADIUS OF THE LEAD FOOT.
9.
THIS CHAMFER FEATURE IS OPTIONAL. IF IT IS NOT PRESENT,
THEN A PIN 1 IDENTIFIER MUST BE LOCATED WITHIN THE INDEX
AREA INDICATED.
10.
LEAD COPLANARITY SHALL BE WITHIN 0.10 mm AS MEASURED
FROM THE SEATING PLANE.
PACKAGE
SOC 008 (inches)
SOC 008 (mm)
JEDEC
SYMBOL
MIN
MAX
MIN
MAX
A
0.069
0.085
1.753
2.159
A1
0.002
0.0098
0.051
0.249
A2
0.067
0.075
1.70
1.91
b
0.014
0.019
0.356
0.483
b1
0.013
0.018
0.330
0.457
c
0.0075
0.0095
0.191
0.241
c1
0.006
0.008
0.152
0.203
D
0.208 BSC
5.283 BSC
E
0.315 BSC
8.001 BSC
E1
0.208 BSC
5.283 BSC
e
.050 BSC
1.27 BSC
L
0.020
0.030
0.508
0.762
L1
.049 REF
1.25 REF
L2
.010 BSC
0.25 BSC
N
8
8
θ
0˚
8˚0˚
8˚
θ1
5˚
15˚
5˚
15˚
θ2
0˚
0˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com