Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 66 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 66 Page - SPANSION

Back Button S25FS256S Datasheet HTML 62Page - SPANSION S25FS256S Datasheet HTML 63Page - SPANSION S25FS256S Datasheet HTML 64Page - SPANSION S25FS256S Datasheet HTML 65Page - SPANSION S25FS256S Datasheet HTML 66Page - SPANSION S25FS256S Datasheet HTML 67Page - SPANSION S25FS256S Datasheet HTML 68Page - SPANSION S25FS256S Datasheet HTML 69Page - SPANSION S25FS256S Datasheet HTML 70Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 154 page
background image
66
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
8.6.4
Configuration Register 2
Configuration Register 2 controls certain interface functions. The register bits can be read and changed using
the Read Any Register and Write Any Register commands. The non-volatile version of the register provides
the ability to set the POR, hardware reset, or software reset state of the controls. These configuration bits are
OTP and may only have their default state changed to the opposite value one time during system
configuration. The volatile version of the register controls the feature behavior during normal operation.
8.6.4.1
Configuration Register 2 Non-Volatile (CR2NV)
Related Commands: Read Any Register (RDAR 65h), Write Any Register (WRAR 71h).
Address Length Non-Volatile CR2NV[7]: This bit controls the POR, hardware reset, or software reset state
of the expected address length for all commands that require address and are not fixed 3-byte only or 4-byte
(32-bit) only address. Most commands that need an address are legacy SPI commands that traditionally used
3-byte (24-bit) address. For device densities greater than 128 Mbit a 4-byte address is required to access the
entire memory array. The address length configuration bit is used to change most 3-byte address commands
to expect 4-byte address. See Table 10.1, S25FS-S Family Command Set (sorted by function) on page 88 for
command address length. The use of 4-byte address length also applies to the 128-Mbit member of the
S25FS-S family so that the same 4-byte address hardware and software interface may be used for all family
members to simplify migration between densities. The 128-Mbit member of the S25FS-S family simply
ignores the content of the fourth, high order, address byte. This non-volatile address length configuration bit
enables the device to start immediately (boot) in 4-byte address mode rather than the legacy 3-byte address
mode.
QPI Non-Volatile CR2NV[6]: This bit controls the POR, hardware reset, or software reset state of the
expected instruction width for all commands. Legacy SPI commands always send the instruction one bit wide
(serial I/O) on the SI (IO0) signal. The S25FS-S family also supports the QPI Mode in which all transfers
between the host system and memory are 4-bits wide on IO0 to IO3, including all instructions. This non-
volatile QPI configuration bit enables the device to start immediately (boot) in QPI Mode rather than the
legacy serial instruction mode. When this bit is programmed to QPI Mode, the QUAD_NV bit is also
programmed to Quad Mode (CR1NV[1]=1). The recommended procedure for moving to QPI Mode is to first
use the WRAR command to set CR2V[6]=1, QPI Mode. The volatile register write for QPI Mode has a short
and well defined time (tCS) to switch the device interface into QPI Mode. Following commands can then be
immediately sent in QPI protocol. The WRAR command can be used to program CR2NV[6]=1, followed by
polling of SR1V[0] to know when the programming operation is completed. Similarly, to exit QPI Mode, the
WRAR command is used to clear CR2V[6]=0. CR2NV[6] cannot be erased to 0 because it is OTP.
IO3 Reset Non-Volatile CR2NV[5]: This bit controls the POR, hardware reset, or software reset state of the
IO3 signal behavior. Most legacy SPI devices do not have a hardware reset input signal due to the limited
signal count and connections available in traditional SPI device packages. The S25FS-S family provides the
option to use the IO3 signal as a hardware reset input when the IO3 signal is not in use for transferring
information between the host system and the memory. This non-volatile IO3 Reset configuration bit enables
the device to start immediately (boot) with IO3 enabled for use as a RESET# signal.
Table 8.19 Configuration Register 2 Non-Volatile (CR2NV)
Bits
Field Name
Function
Type
Default
State
Description
7
AL_NV
Address Length
OTP
0
1 = 4-byte address.
0 = 3-byte address.
6
QA_NV
QPI
0
1 = Enabled - QPI (4-4-4) protocol in use.
0 = Disabled - Legacy SPI protocols in use, instruction is
always serial on SI.
5
IO3R_NV
IO3 Reset
0
1 = Enabled - IO3 is used as RESET# input when CS# is
high or Quad Mode is disabled CR1V[1]=1.
0 = Disabled - IO3 has no alternate function, hardware
reset is disabled.
4
RFU
Reserved
0
Reserved For Future Use.
3
RL_NV
Read Latency
1
0 to 15 latency (dummy) cycles following read address
or continuous mode bits.
Note that bit 3 has a default value of 1 and may be
programmed one time to 0 but cannot be returned to 1.
2
0
1
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com