Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 58 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 58 Page - SPANSION

Back Button S25FS256S Datasheet HTML 54Page - SPANSION S25FS256S Datasheet HTML 55Page - SPANSION S25FS256S Datasheet HTML 56Page - SPANSION S25FS256S Datasheet HTML 57Page - SPANSION S25FS256S Datasheet HTML 58Page - SPANSION S25FS256S Datasheet HTML 59Page - SPANSION S25FS256S Datasheet HTML 60Page - SPANSION S25FS256S Datasheet HTML 61Page - SPANSION S25FS256S Datasheet HTML 62Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 154 page
background image
58
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
8.5
OTP Address Space
Each FS-S family memory device has a 1024-byte One-Time Program (OTP) address space that is separate
from the main flash array. The OTP area is divided into 32, individually lockable, 32-byte aligned and length
regions.
In the 32-byte region starting at address zero:
 The 16 lowest address bytes are programmed by Spansion with a 128-bit random number. Only Spansion
is able to program zeros in these bytes. Programming ones in these byte locations is ignored and does not
affect the value programmed by Spansion. Attempting to program any zero in these byte locations will fail
and set P_ERR.
 The next 4 higher address bytes (OTP Lock Bytes) are used to provide one bit per OTP region to
permanently protect each region from programming. The bytes are erased when shipped from Spansion.
After an OTP region is programmed, it can be locked to prevent further programming, by programming the
related protection bit in the OTP Lock Bytes.
 The next higher 12 bytes of the lowest address region are Reserved for Future Use (RFU). The bits in
these RFU bytes may be programmed by the host system but it must be understood that a future device
may use those bits for protection of a larger OTP space. The bytes are erased when shipped from
Spansion.
The remaining regions are erased when shipped from Spansion, and are available for programming of
additional permanent data.
Refer to Figure 8.1, OTP Address Space on page 58 for a pictorial representation of the OTP memory space.
The OTP memory space is intended for increased system security. OTP values, such as the random number
programmed by Spansion, can be used to “mate” a flash component with the system CPU/ASIC to prevent
device substitution.
The Configuration Register FREEZE (CR1V[0]) bit protects the entire OTP memory space from programming
when set to 1. This allows trusted boot code to control programming of OTP regions then set the FREEZE bit
to prevent further OTP memory space programming during the remainder of normal power-on system
operation.
Figure 8.1 OTP Address Space
32-byte OTP Region 31
32-byte OTP Region 30
32-byte OTP Region 29
32-byte OTP Region 3
32-byte OTP Region 2
32-byte OTP Region 1
32-byte OTP Region 0
16-byte Random Number
Lock Bits 31 to 0
Reserved
..
.
Region 0 Expanded View
When programmed to 0, each
lock bit protects its related
32-byte OTP region from any
further programming
...
Byte 0h
Byte 10h
Byte 1Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com